Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

24C02 Datasheet(PDF) 5 Page - ATMEL Corporation

Part # 24C02
Description  Schmitt Trigger, Filtered Inputs for Noise Suppression
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

24C02 Datasheet(HTML) 5 Page - ATMEL Corporation

  24C02 Datasheet HTML 1Page - ATMEL Corporation 24C02 Datasheet HTML 2Page - ATMEL Corporation 24C02 Datasheet HTML 3Page - ATMEL Corporation 24C02 Datasheet HTML 4Page - ATMEL Corporation 24C02 Datasheet HTML 5Page - ATMEL Corporation 24C02 Datasheet HTML 6Page - ATMEL Corporation 24C02 Datasheet HTML 7Page - ATMEL Corporation 24C02 Datasheet HTML 8Page - ATMEL Corporation 24C02 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5
AT24C01A/02/04/08A/16A
5092D–SEEPR–4/07
Note:
1. This parameter is characterized and is not 100% tested (T
A =25C).
2. This parameter is characterized.
Device Operation
CLOCK and DATA TRANSITIONS: The SDA pin is normally pulled high with an exter-
nal device. Data on the SDA pin may change only during SCL low time periods (see to
Figure 4 on page 7). Data changes during SCL high periods will indicate a start or stop
condition as defined below.
START CONDITION: A high-to-low transition of SDA with SCL high is a start condition
which must precede any other command (see to Figure 5 on page 7).
STOP CONDITION: A low-to-high transition of SDA with SCL high is a stop condition.
After a read sequence, the stop command will place the EEPROM in a standby power
mode (see Figure 5 on page 7).
ACKNOWLEDGE: All addresses and data words are serially transmitted to and from the
EEPROM in 8-bit words. The EEPROM sends a “0” to acknowledge that it has received
each word. This happens during the ninth clock cycle.
STANDBY MODE: The AT24C01A/02/04/08A/16A features a low-power standby mode
which is enabled: (a) upon power-up and (b) after the receipt of the STOP bit and the
completion of any internal operations.
Table 5. AC Characteristics
Applicable over recommended operating range from T
A = 40Cto+125C, VCC = +2.7V to +5.5V, CL = 1 TTL Gate and
100 pF (unless otherwise noted)
Symbol
Parameter
AT24C01A/02/04/08A/16A
Units
Min
Max
f
SCL
Clock Frequency, SCL
400
kHz
t
LOW
Clock Pulse Width Low
1.2
µs
t
HIGH
Clock Pulse Width High
0.6
µs
t
I
Noise Suppression Time(1)
50
ns
t
AA
Clock Low to Data Out Valid
0.1
0.9
µs
t
BUF
Time the bus must be free before
a new transmission can start(2)
1.2
µs
t
HD.STA
Start Hold Time
0.6
µs
t
SU.STA
Start Set-up Time
0.6
µs
t
HD.DAT
Data In Hold Time
0
µs
t
SU.DAT
Data In Set-up Time
100
ns
t
R
Inputs Rise Time(2)
300
ns
t
F
Inputs Fall Time(2)
300
ns
t
SU.STO
Stop Set-up Time
0.6
µs
t
DH
Data Out Hold Time
50
ns
t
WR
Write Cycle Time
5
ms
Endurance(2)
5.0V, 25
C, Page Mode
1M
Write Cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com