Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ICS1567 Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # ICS1567
Description  Differential Output Video Dot Clock Generator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1567 Datasheet(HTML) 3 Page - Integrated Circuit Systems

  ICS1567 Datasheet HTML 1Page - Integrated Circuit Systems ICS1567 Datasheet HTML 2Page - Integrated Circuit Systems ICS1567 Datasheet HTML 3Page - Integrated Circuit Systems ICS1567 Datasheet HTML 4Page - Integrated Circuit Systems ICS1567 Datasheet HTML 5Page - Integrated Circuit Systems ICS1567 Datasheet HTML 6Page - Integrated Circuit Systems ICS1567 Datasheet HTML 7Page - Integrated Circuit Systems ICS1567 Datasheet HTML 8Page - Integrated Circuit Systems ICS1567 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Typical Output Configuration
Pin Description
PIN NUMBER
PIN SYMBOL
TYPE
DESCRIPTION
1
• FS0
IN
Frequency Select LSB.
2
XTAL1
IN
Crystal Interface/External Oscillator Input.
3
XTAL2
OUT
Crystal Interface.
4
• STROBE
IN
Control For Frequency Select Latch, also performs automatic
RAMDAC reset.
5
VSS
--
Device Ground (Both pins must be connected.)
6
VSS
--
Device Ground (Both pins must be connected.)
7
LD
OUT
Load Output. This output is at CLK frequency divided by N1.
8
• FS4
IN
Frequency Select MSB.
9
CLK
OUT
Clock Output Inverted.
10
CLK
OUT
Clock Output Non-Inverted.
11
VDDO
--
Output Stage Power (Both pins must be connected).
12
VDDO
--
Output Stage Power (Both pins must be connected).
13
VDD
--
PLL System Power.
14
• FS3
IN
Frequency Select.
15
• FS2
IN
Frequency Select.
16
• FS1
IN
Frequency Select.
• = inputs with internal pull-up resistor
Notes:
CLK & CLK outputs are pseudo-ECL. Logic low level is set by the ratio of the resistors stacked across the power supply
VLO = (V supply
• 160)/(110 +160) in the example shown above.
The above values are a good starting point for RAMDAC or clock generator interface.
Figure 3
ICS1567
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com