Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ICS1574B Datasheet(PDF) 11 Page - Integrated Circuit Systems

Part # ICS1574B
Description  User Programmable Laser Engine Pixel Clock Generator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1574B Datasheet(HTML) 11 Page - Integrated Circuit Systems

Back Button ICS1574B Datasheet HTML 4Page - Integrated Circuit Systems ICS1574B Datasheet HTML 5Page - Integrated Circuit Systems ICS1574B Datasheet HTML 6Page - Integrated Circuit Systems ICS1574B Datasheet HTML 7Page - Integrated Circuit Systems ICS1574B Datasheet HTML 8Page - Integrated Circuit Systems ICS1574B Datasheet HTML 9Page - Integrated Circuit Systems ICS1574B Datasheet HTML 10Page - Integrated Circuit Systems ICS1574B Datasheet HTML 11Page - Integrated Circuit Systems ICS1574B Datasheet HTML 12Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
ICS1574B
Absolute Maximum Ratings
VDD, VDDO (measured to VSS) . . . . . . . . 7.0 V
Digital Inputs . . . . . . . . . . . . . . . . . . . . . . . VSS – 0.5V to VDD +0.5V
Digital Outputs . . . . . . . . . . . . . . . . . . . . . . VSS – 0.5V to VDDO +0.5V
Ambient Operating Temperature . . . . . . . – 55° C to +125° C
Storage Temperature . . . . . . . . . . . . . . . . . – 65° C to +150° C
Junction Temperature . . . . . . . . . . . . . . . . . 175° C
Soldering Temperature . . . . . . . . . . . . . . . . 260° C
DC Electrical Characteristics
TTL-Compatible Inputs (DATCLK, DATA, HOLD, PCLKEN)
Recommended Operating Conditions
VDD, VDDO (measured to VSS) . . . . . . . . 4.75 to 5.25 V
Operating Temperature (Ambient) . . . . . . 0 to +70°C
R
E
T
E
M
A
R
A
PL
O
B
M
Y
SS
N
O
I
T
I
D
N
O
CN
I
MX
A
MS
T
I
N
U
e
g
a
t
l
o
V
h
g
i
H
t
u
p
n
IV H
I
0
.
2V D
D
5
.
0
+V
e
g
a
t
l
o
V
w
o
L
t
u
p
n
IV L
I
V S
S
5
.
0
–
8
.
0V
t
n
e
r
r
u
C
h
g
i
H
t
u
p
n
II H
I
V H
I
D
D
V
=
—
0
1A
µ
t
n
e
r
r
u
C
w
o
L
t
u
p
n
II L
I
V L
I
0
.
0
=
—
0
0
2A
µ
e
c
n
a
t
i
c
a
p
a
C
t
u
p
n
IC N
I
—
8F
p
)
t
u
p
n
i
K
L
C
T
A
D
(
s
i
s
i
r
e
t
s
y
HV
S
Y
H
V
5
=
D
D
V0
2
.0
6
.V
t
u
p
n
I
1
L
A
T
X
)
y
c
n
e
u
q
e
r
F
e
c
n
e
r
e
f
e
R
l
a
n
r
e
t
x
E
(
R
E
T
E
M
A
R
A
PL
O
B
M
Y
SS
N
O
I
T
I
D
N
O
CN
I
MX
A
MS
T
I
N
U
e
g
a
t
l
o
V
h
g
i
H
t
u
p
n
IV H
X
5
7
.
3V D
D
5
.
0
+V
e
g
a
t
l
o
V
w
o
L
t
u
p
n
IV L
X
V S
S
5
.
0
–
5
2
.
1V
K
L
C
P
R
E
T
E
M
A
R
A
PL
O
B
M
Y
SS
N
O
I
T
I
D
N
O
CN
I
MX
A
MS
T
I
N
U
I
(
e
g
a
t
l
o
V
h
g
i
H
t
u
p
t
u
O
H
O
)
A
m
0
.
4
=4
.
2
—
V
I
(
e
g
a
t
l
o
V
w
o
L
t
u
p
t
u
O
L
O
)
A
m
0
.
8
=
—
4
.
0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com