Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ICS1886 Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # ICS1886
Description  FDDI / Fast Ethernet PHYceiverTM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1886 Datasheet(HTML) 4 Page - Integrated Circuit Systems

  ICS1886 Datasheet HTML 1Page - Integrated Circuit Systems ICS1886 Datasheet HTML 2Page - Integrated Circuit Systems ICS1886 Datasheet HTML 3Page - Integrated Circuit Systems ICS1886 Datasheet HTML 4Page - Integrated Circuit Systems ICS1886 Datasheet HTML 5Page - Integrated Circuit Systems ICS1886 Datasheet HTML 6Page - Integrated Circuit Systems ICS1886 Datasheet HTML 7Page - Integrated Circuit Systems ICS1886 Datasheet HTML 8Page - Integrated Circuit Systems ICS1886 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
ICS1886
VDD = VMIN to VMAX, VSS = 0V, TA = TMIN to TMAX
Note: REF_IN Input switch point is 50% of VDD.
DC Characteristics
PARAMETER
SYMBOL
CONDITIONS
MIN
MAX
UNITS
Supply Current
ISS
VDD = +5.0V, VSS = 0.0V
—50
mA
ECL Input/Output
PARAMETER
SYMBOL
CONDITIONS
MIN
MAX
UNITS
ECL Input High Voltage
VIH
VDD -1.16
VDD -0.88
V
ECL Input Low Voltage
VIL
VDD -1.81
VDD -1.47
V
ECL Differential
Threshold Voltage Range
VTH
150
mV
ECL Input Common
Mode Voltage
VCM
1.3
VDD -.4
V
ECL Output High Voltage
VOH
VDD -1.02
V
ECL Output Low Voltage
VOL
—VDD -1.62
V
TTL Input/Output
PARAMETER
SYMBOL
CONDITIONS
MIN
MAX
UNITS
TTL Input High Voltage
VIH
VDD = 5.0V, VSS = 0.0V
2.0
V
TTL Input Low Voltage
VIL
VDD = 5.0V, VSS = 0.0V
0.8
V
TTL Output High Voltage
VOH
VDD = 5.0V, VSS = 0.0V
2.7
V
TTL Output Low Voltage
VOL
VDD = 5.0V, VSS = 0.0V
0.5
V
TTL Driving CMOS
Output High Voltage
VOH
VDD = 5.0V, VSS = 0.0V
3.68
V
TTL Driving CMOS
Output Low Voltage
VOL
VDD = 5.0V, VSS = 0.0V
0.4
V
TTL / CMOS Output
Sink Current
IOL
VDD = 5.0V, VSS = 0.0V
8
mA
TTL / CMOS Output
Source Current
IOH
VDD = 5.0V, VSS = 0.0V
-0.4
mA
REF_IN Input
PARAMETER
SYMBOL
CONDITIONS
MIN
MAX
UNITS
Input High Voltage
VIH
VDD = 5.0V, VSS = 0.0V
3.5
V
Input Low Voltage
VIL
VDD = 5.0V, VSS = 0.0V
1.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com