Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ICS1892 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS1892
Description  10Base-T/100Base-TX Integrated PHYceiver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1892 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS1892 Datasheet HTML 1Page - Integrated Circuit Systems ICS1892 Datasheet HTML 2Page - Integrated Circuit Systems ICS1892 Datasheet HTML 3Page - Integrated Circuit Systems ICS1892 Datasheet HTML 4Page - Integrated Circuit Systems ICS1892 Datasheet HTML 5Page - Integrated Circuit Systems ICS1892 Datasheet HTML 6Page - Integrated Circuit Systems ICS1892 Datasheet HTML 7Page - Integrated Circuit Systems ICS1892 Datasheet HTML 8Page - Integrated Circuit Systems ICS1892 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 148 page
background image
1892 Rev. D, 2/26/01
ICS reserves the right to make changes in the device data identified in
this publication without further notice. ICS advises its customers to
obtain the latest version of all device data to verify that any information
being relied upon by the customer is current and accurate.
Integrated Circuit Systems, Inc.
10Base-T/100Base-TX Integrated PHYceiver
ICS1892
Document Type:
Data Sheet
Document Stage: Released
Features
Supports category 5 cables with attenuation in excess of
24 dB at 100 MHz across a temperature range from -5
° to
+85
° C
DSP-based baseline wander correction to virtually
eliminate killer packets across temperature range of from
-5
° to +85° C
Low-power, 0.5-micron CMOS
Single 5.0-V power supply.
Single-chip, fully integrated PHY provides PCS, PMA,
PMD, and AUTONEG sublayers of IEEE standard
10Base-T and 100Base-TX IEEE 802.3 compliant
Fully integrated, DSP-based PMD includes:
– Adaptive equalization and baseline wander correction
– Transmit wave shaping and stream cipher scrambler
– MLT-3 encoder and NRZ/NRZI encoder
Highly configurable design supports:
– Node, repeater, and switch applications
– Managed and unmanaged applications
– 10M or 100M half- and full-duplex modes
– Parallel detection
– Auto-negotiation, with Next Page capabilities
MAC/Repeater Interface can be configured as:
– 10M or 100M Media Independent Interface
– 100M Symbol Interface (bypasses the PCS)
– 10M 7-wire Serial Interface
Provides Loopback Modes for Diagnostic Functions
Small Footprint 64-pin Low-Profile LQFP and MQFP
packages available
General
The ICS1892, an enhanced version of the ICS 1890, is a
fully integrated, physical-layer device (PHY) that is
compliant with both the 10Base-T and 100Base-TX
CSMA/CD Ethernet Standard, ISO/IEC 8802-3.
The ICS1892 incorporates digital signal processing (DSP)
in its Physical Medium Dependent (PMD) sublayer. As a
result, it can transmit and receive data on unshielded
twisted-pair (UTP) category 5 cable with attenuation in
excess of 24 dB at 100 MHz. With this ICS-patented
technology, the ICS1892 can virtually eliminate errors from
killer packets.
The ICS1892 supports a broad range of applications: data
t e rmi na l e qui pm ent (ne t wo rk in te rf ac e ca rd s a nd
motherboards), switches, repeaters, bridges, and routers. Its
Media Independent Interface (MII) supports direct
ch ip- t o - ch ip an d mo th er bo ar d- to -d au gh ter b oa rd
connections as well as connections to an MII connector and
cable. The ICS1892 also provides a Serial Management
Interface for exchanging command and status information
with a Station Management (STA) entity.
The ICS1892 Media Dependent Interface (MDI) can be
configured to provide either half- or full-duplex operation at
data rates of 10 MHz or 100 MHz. The MDI configuration
can be done manually (with input pins or control register
settings) or automatically (using the Auto-Negotiation
features). When the ICS1892 Auto-Negotiation sublayer is
enabled, it exchanges technology capability data with its
re mote l ink part ner and a ut omati cal ly sel ects t he
highest-performance operating mode they have in common.
Clock
Power
LEDs and PHY
Address
Twisted-
Pair
Interface to
Magnetics
Modules and
RJ45
Connector
Integrated
Switch
MII
Extended
Register
Set
Interface
MUX
ICS1892 Block Diagram
PCS
•Frame
CRS/COL
Detection
Parallel to Serial
•4B/5B
Auto-
Negotiation
10Base-T
100Base-T
TP_PMD
•MLT-3
Stream Cipher
Adaptive Equalizer
Baseline Wander
Correction
PMA
Clock Recovery
Link Monitor
Signal Detection
Error Detection
Low-Jitter
Clock
Synthesizer
Configuration
and Status
10/100 MII or
Alternate
MAC/Repeater
Interface
MII Serial
Management
Interface


Similar Part No. - ICS1892

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS1890 ICST-ICS1890 Datasheet
1Mb / 24P
10Base-T/100Base-TX Integrated PHYceiver-TM
RevG 10/21/97
ICS1890 ICST-ICS1890 Datasheet
711Kb / 42P
Auto-Negotiation Advertisement Register (register 4 [0x04])
RevG 10/21/97
logo
Pulse A Technitrol Comp...
ICS1890 PULSE-ICS1890 Datasheet
253Kb / 12P
LAN DISCRETE TRANSFORMER MODULES
G003.U 2/07
logo
Integrated Circuit Syst...
ICS1890Y ICST-ICS1890Y Datasheet
1Mb / 24P
10Base-T/100Base-TX Integrated PHYceiver-TM
RevG 10/21/97
ICS1890Y ICST-ICS1890Y Datasheet
711Kb / 42P
Auto-Negotiation Advertisement Register (register 4 [0x04])
RevG 10/21/97
More results

Similar Description - ICS1892

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS1890 ICST-ICS1890 Datasheet
1Mb / 24P
10Base-T/100Base-TX Integrated PHYceiver-TM
RevG 10/21/97
ICS1893 ICST-ICS1893 Datasheet
983Kb / 152P
3.3-V 10Base-T/100Base-TX Integrated PHYceiver?
Rev C 6/6/00
ICS1893BF ICST-ICS1893BF Datasheet
1Mb / 133P
3.3-V 10Base-T/100Base-TX Integrated PHYceiver
ICS1893BRIEF ICST-ICS1893BRIEF Datasheet
389Kb / 7P
3.3-V 10Base-T/100Base-TX Integrated PHYceiver
Rev B 9/10/99
ICS1893CY-10 ICST-ICS1893CY-10 Datasheet
1Mb / 143P
3.3-V 10Base-T/100Base-TX Integrated PHYceiver
Rev 1/07
logo
Integrated Device Techn...
ICS1893CF IDT-ICS1893CF Datasheet
1Mb / 127P
3.3-V 10Base-T/100Base-TX Integrated PHYceiver?
ICS1893CK-40 IDT-ICS1893CK-40 Datasheet
1Mb / 121P
3.3-V 10Base-T/100Base-TX Integrated PHYceiver?
logo
Integrated Circuit Syst...
ICS1893 ICST-ICS1893_09 Datasheet
948Kb / 152P
3.3-V 10Base-T/100Base-TX Integrated PHYceiver?
Rev D 8/11/09
logo
Integrated Device Techn...
1893AFLF IDT-1893AFLF Datasheet
1Mb / 136P
3.3-V 10Base-T/100Base-TX Integrated PHYceiver?
logo
Renesas Technology Corp
ICS1893AF RENESAS-ICS1893AF Datasheet
1Mb / 137P
3.3-V 10Base-T/100Base-TX Integrated PHYceiver
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com