Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AT60142F Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT60142F
Description  Very Low Power Consumption
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT60142F Datasheet(HTML) 1 Page - ATMEL Corporation

  AT60142F_14 Datasheet HTML 1Page - ATMEL Corporation AT60142F_14 Datasheet HTML 2Page - ATMEL Corporation AT60142F_14 Datasheet HTML 3Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Active Errata List
1.
Reading Error
Errata History
Errata Description
1.
Reading error Description
Some AT60142 parts show a failure during read operation. Failure is always a 0 read
fail (read 1 instead of 0). Read 1 is always fine.
Error is located in:
- Bit 5 : less than 5 bits are impacted on last column and last but one line
- Bit 6 : only 1 bit is impacted on last column and last but one line
When Bit6 fails, Bit5 has always already failed.
Other bit planes are never impacted.
The failure does not depend on activity on other addresses over the rest of memory.
Output enable has no influence on reading error behavior.
When a bit is failing, it can be reproduced any time on any tester at the same location,
in the same conditions.
In conclusion, there may exist a very narrow window, within which, if the chip select
line is asserted low and address lines change, a corruption of data Bit 5 (and Bit 6
sometimes) occurs during a RAM zero read access.
Typical window size is 0.2ns
Failure Conditions
Addresses are stable at time T0.
The RAM chip select (CSn) is driven low in a T0 - 4ns / T0 - 1ns timing window.
Worst case conditions: 125°C
Lot Number
Errata List
All AT60142F lots
1
All AT60142FT lots
1
Rad Hard 512K
x8 Very Low
Power CMOS
SRAM
AT60142F/FT
Errata Sheet
7776E–AERO–06/08


Similar Part No. - AT60142F_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT60142F ATMEL-AT60142F_14 Datasheet
355Kb / 3P
Very Low Power Consumption
More results

Similar Description - AT60142F_14

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL47XX HP-HCPL47XX Datasheet
298Kb / 16P
Very Low Power Consumption High Gain Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-070A-000E AVAGO-HCPL-070A-000E Datasheet
446Kb / 17P
Very Low Power Consumption High Gain Optocouplers
logo
ATMEL Corporation
M65608E ATMEL-M65608E_14 Datasheet
884Kb / 16P
Very Low Power Consumption
AT60142F ATMEL-AT60142F_14 Datasheet
355Kb / 3P
Very Low Power Consumption
AT60142FT ATMEL-AT60142FT_14 Datasheet
357Kb / 14P
Very Low Power Consumption
logo
Infineon Technologies A...
TLE42744 INFINEON-TLE42744_14 Datasheet
1Mb / 21P
Very Low Current Consumption
TLE42754 INFINEON-TLE42754_14 Datasheet
1Mb / 29P
Very low Current Consumption
TLE42794 INFINEON-TLE42794_14 Datasheet
1Mb / 32P
Very low Current Consumption
logo
ILSI America LLC
ISM36 ILSI-ISM36 Datasheet
125Kb / 2P
Very Low Current Consumption
logo
ATMEL Corporation
U2794B ATMEL-U2794B_97 Datasheet
302Kb / 15P
Very Low Power Consumption 125 mW
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com