Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ICS553M Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS553M
Description  LOW SKEW 1 TO 4 CLOCK BUFFER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS553M Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS553M Datasheet HTML 1Page - Integrated Circuit Systems ICS553M Datasheet HTML 2Page - Integrated Circuit Systems ICS553M Datasheet HTML 3Page - Integrated Circuit Systems ICS553M Datasheet HTML 4Page - Integrated Circuit Systems ICS553M Datasheet HTML 5Page - Integrated Circuit Systems ICS553M Datasheet HTML 6Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
ICS553
MDS 553 B
1
Revision 052501
In tegr ated C i r cu i t S y st ems q 5 25 Ra ce Str eet, San Jose, C A 95 126 q tel ( 408) 2 95-9 800 q
w w w.ic s t .c o m
LOW SKEW 1 TO 4 CLOCK BUFFER
Description
The ICS553 is a low skew, single input to four output,
clock buffer. Part of ICS’ Clock BlocksTM family, this is
our lowest skew, small clock buffer. See the ICS552-02
for a 1 to 8 low skew buffer. For more than 8 outputs
see the MK74CBxxx BuffaloTM series of clock drivers.
ICS makes many non-PLL and PLL based low skew
output devices as well as Zero Delay Buffers to
synchronize clocks. Contact us for all of your clocking
needs.
Features
Extremely low skew outputs (50ps maximum)
Packaged in 8 pin SOIC
Low power CMOS technology
Operating Voltages of 2.5 to 5V
Output Enable pin tri-states outputs
5V tolerant input clock
Block Diagram
Q0
IC L K
Q1
Q2
Q3
O u tput E nable


Similar Part No. - ICS553M

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS553MI ICST-ICS553MI Datasheet
65Kb / 6P
LOW SKEW 1 TO 4 CLOCK BUFFER
Revision 080404
ICS553MILF ICST-ICS553MILF Datasheet
65Kb / 6P
LOW SKEW 1 TO 4 CLOCK BUFFER
Revision 080404
ICS553MILFT ICST-ICS553MILFT Datasheet
65Kb / 6P
LOW SKEW 1 TO 4 CLOCK BUFFER
Revision 080404
ICS553MIT ICST-ICS553MIT Datasheet
65Kb / 6P
LOW SKEW 1 TO 4 CLOCK BUFFER
Revision 080404
logo
Integrated Device Techn...
ICS553MLF IDT-ICS553MLF Datasheet
92Kb / 8P
nLOW SKEW 1 TO 4 CLOCK BUFFER
More results

Similar Description - ICS553M

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS651 ICST-ICS651 Datasheet
82Kb / 7P
LOW SKEW 1 TO 4 CLOCK BUFFER
Revision 120805
ICS556-04 ICST-ICS556-04 Datasheet
145Kb / 6P
LOW SKEW 1 TO 4 CLOCK BUFFER
ICS553MI ICST-ICS553MI Datasheet
65Kb / 6P
LOW SKEW 1 TO 4 CLOCK BUFFER
Revision 080404
logo
Integrated Device Techn...
ICS651B IDT-ICS651B Datasheet
185Kb / 8P
LOW SKEW 1 TO 4 CLOCK BUFFER
ICS651MLFT IDT-ICS651MLFT Datasheet
89Kb / 8P
LOW SKEW 1 TO 4 CLOCK BUFFER
IDT5T30553 IDT-IDT5T30553 Datasheet
187Kb / 8P
LOW SKEW 1 TO 4 CLOCK BUFFER
logo
Pericom Semiconductor C...
PI6C49X0204A PERICOM-PI6C49X0204A Datasheet
981Kb / 10P
Low Skew 1 TO 4 Clock Buffer
logo
Integrated Device Techn...
551S IDT-551S_18 Datasheet
153Kb / 9P
Low Skew 1 to 4 Clock Buffer
logo
Renesas Technology Corp
IDT5T30553 RENESAS-IDT5T30553 Datasheet
256Kb / 9P
LOW SKEW 1 TO 4 CLOCK BUFFER
121013
ICS556-04 RENESAS-ICS556-04 Datasheet
352Kb / 8P
LOW SKEW 1 TO 4 CLOCK BUFFER
051310
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com