Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ICS650-01 Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # ICS650-01
Description  System Peripheral Clock Source
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS650-01 Datasheet(HTML) 3 Page - Integrated Circuit Systems

  ICS650-01 Datasheet HTML 1Page - Integrated Circuit Systems ICS650-01 Datasheet HTML 2Page - Integrated Circuit Systems ICS650-01 Datasheet HTML 3Page - Integrated Circuit Systems ICS650-01 Datasheet HTML 4Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ICS650-01
System Peripheral Clock Source
MDS 650-01 C
3
Revision 092799
Printed 11/15/00
Integrated Circuit Systems • 525 Race Street • San Jose •CA•95126• (408) 295-9800tel • (408) 295-9818fax
Parameter
Conditions
Minimum
Typical
Maximum
Units
ABSOLUTE MAXIMUM RATINGS (n
note 1)
Supply voltage, VDD
Referenced to GND
7
V
Inputs and Clock Outputs
Referenced to GND
-0.5
VDD+0.5
V
Ambient Operating Temperature
0
70
C
Soldering Temperature
Max of 10 seconds
260
C
Storage temperature
-65
150
C
DC CHARACTERISTICS (VDD = 3.3V
V or 5V unless noted))
Operating Voltage, VDD
3.0
5.5
V
Input High Voltage, VIH
Select inputs, OE
2
V
Input Low Voltage, VIL
Select inputs, OE
0.8
V
Output High Voltage, VOH
VDD=3.3V, IOH=-8mA
2.4
V
Output Low Voltage, VOL
VDD=3.3V, IOL=8mA
0.4
V
Output High Voltage, VOH, VDD = 3.3 or 5V
IOH=-8mA
VDD-0.4
V
Operating Supply Current, IDD, at 5V
No Load, note 2
50
mA
Operating Supply Current, IDD, at 3.3V
No Load, note 2
30
mA
Short Circuit Current, VDD = 3.3
Each output
±50
mA
Input Capacitance
Except X1
7
pF
AC CHARACTERISTICS (VDD = 3.3V
V or 5V unless noted)
Input Crystal or Clock Frequency
14.31818
MHz
Output Clocks Accuracy (synthesis error)
All clocks
1
ppm
Output Clock Rise Time
0.8 to 2.0V
1.5
ns
Output Clock Fall Time
2.0 to 0.8V
1.5
ns
Output Clock Duty Cycle
At VDD/2
40
50
60
%
One Sigma Jitter, except ACLK
75
ps
One Sigma Jitter, ACLK
170
ps
Absolute Clock Period Jitter PCLK, UCLK, 20M
- 500
500
ps
Electrical Specifications
Notes:
1. Stresses beyond those listed under Absolute Maximum Ratings could cause permanent damage to the device. Prolonged
exposure to levels above the operating limits but below the Absolute Maximums may affect device reliability.
2. With all clocks at highest frequencies.
External Components
The ICS650 requires a minimum number of external components for proper operation. Decoupling
capacitors of 0.1µF should be connected between VDD and GND (on pins 4 and 6, and pins 16 and 14),
as close to the chip as possible. A series termination resistor of 33
Ω may be used for each clock output. The
14.31818 MHz crystal must be connected as close to the chip as possible. The crystal should be a
fundamental mode, parallel resonant, 30ppm or better (to meet the Ethernet specs). Crystal capacitors
should be connected from pins X1 to ground and X2 to ground. The value of these capacitors is given by
the following equation, where CL is the crystal load capacitance: Crystal caps (pF) = (CL-12) x 2. So for a
crystal with 16pF load capacitance, two 8pF caps should be used. If a clock input is used, drive it into X1
and leave X2 unconnected.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com