Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ICS82C404 Datasheet(PDF) 6 Page - Integrated Circuit Systems

Part # ICS82C404
Description  Dual Programmable Graphics Frequency Generator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS82C404 Datasheet(HTML) 6 Page - Integrated Circuit Systems

Back Button ICS82C404 Datasheet HTML 2Page - Integrated Circuit Systems ICS82C404 Datasheet HTML 3Page - Integrated Circuit Systems ICS82C404 Datasheet HTML 4Page - Integrated Circuit Systems ICS82C404 Datasheet HTML 5Page - Integrated Circuit Systems ICS82C404 Datasheet HTML 6Page - Integrated Circuit Systems ICS82C404 Datasheet HTML 7Page - Integrated Circuit Systems ICS82C404 Datasheet HTML 8Page - Integrated Circuit Systems ICS82C404 Datasheet HTML 9Page - Integrated Circuit Systems ICS82C404 Datasheet HTML 10Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
The serial data register is exactly 24 bits long, enough to accept
the data being sent. The stop bit acts a load command that
passes the contents of the Serial Data Register into the register
indicated by the three address bits. If a stop bit is not received
after the serial register is full, and more data is sent, all data in
the register is ignored and an error issued. If correct data is
received, then the unlocking mechanism rearms, all data in the
serial data register is ignored, and an error is issued.
Programming the ICS82C404
The ICS82C404 has a wide operating range, but it is recom-
mended that it is operated within the following limits:
1 MHz < FREF < 60 MHz
FREF=Input
Reference Frequency
200 kHz < FREF/M < 5 MHz
M=Reference divide
3 to 129
50 MHz < FVCO < 120 MHz
FVCO=VCO output
frequency
FCLK < 120 MHz
FCLK=output
frequency
The frequency of the programmable oscillator FVCO is deter-
mined by the following fields:
Field
# of Bits
Index (I)
N counter value (N’)
Mux (R)
M counter value (M’)
4
7
3
7
Where the least significant bit is the last bit of M and the most
significant bit is the first bit of 1.
The equations used to determine the oscillator frequency are:
N=N’ + 3 M=M’+2
FVCO=Prescale • N/M • FCLK
where < M < 129 and 4 < N < 130
and prescale=2 or 4, as set in the control register
The value of FVCO must remain between 50 MHz and
120 MHz. As a result, for output frequencies below 50 MHz,
FVCO must be brought into range. To achieve this, an output
divisor is selected by setting the values of the Mux Field (R)
as follows:
Output Divisor
R
Divisor
000
001
010
011
100
101
110
111
1
2
4
8
16
32
64
128
Unlike the ICD’s 82C404, the ICS82C404’s VCO does not
require tuning to place it in certain ranges. The ICS82C404’s
VCO will operate from 50 MHz to 120 MHz without adjusting
the VCO gain. However, to maintain compatibility, the I bits
are programmed as in the ICD2061A.
These bits are dummy bits except for the following two cases:
Index Field (I)
I
VCLK FVCO
MCLK FVCO
1110
1111
Turn off VCLK
Mux MCLK to VLCK
50-120 MHz
50-120 MHz
When the index field is set to 1111, VCLK is turned off and
both channels run from the same MCLK VCO. This is done in
an effort to reduce jitter, which may increase when VCOs run
at 2
n multiples of one another. If the two outputs must be
multiples of one another, it is best to mux MCLK over to the
output of the VCLK VCO, and to power-down the VCLK
VCO. The multiplexed frequency will be divided down by the
correct divisor (M) and output on VCLK.
ICS82C404
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com