Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ICS9159-14 Datasheet(PDF) 6 Page - Integrated Circuit Systems

Part # ICS9159-14
Description  Frequency Generator and Integrated Buffer for PENTIUM?
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9159-14 Datasheet(HTML) 6 Page - Integrated Circuit Systems

  ICS9159-14 Datasheet HTML 1Page - Integrated Circuit Systems ICS9159-14 Datasheet HTML 2Page - Integrated Circuit Systems ICS9159-14 Datasheet HTML 3Page - Integrated Circuit Systems ICS9159-14 Datasheet HTML 4Page - Integrated Circuit Systems ICS9159-14 Datasheet HTML 5Page - Integrated Circuit Systems ICS9159-14 Datasheet HTML 6Page - Integrated Circuit Systems ICS9159-14 Datasheet HTML 7Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
ICS9159-14
Electrical Characteristics at 5.5V
VDD = 4.5 – 5.5 V, TA = 0 – 70° C
Note 1: Parameter is guaranteed by design and characterization. Not 100% tested in production.
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
C
A
R
E
T
E
M
A
R
A
PL
O
B
M
Y
SS
N
O
I
T
I
D
N
O
C
T
S
E
TN
I
MP
Y
TX
A
MS
T
I
N
U
e
m
i
T
e
s
i
R
1
T1
rS
U
B
&
U
P
C
V
0
.
2
o
t
8
.
0
,
d
a
o
l
F
p
0
2-
5
5
.
05
9
.
0s
n
e
m
i
T
l
l
a
F
1
T1
fS
U
B
&
U
P
C
V
8
.
0
o
t
0
.
2
,
d
a
o
l
F
p
0
2-
2
5
.
00
9
.
0s
n
e
m
i
T
e
s
i
R
1
T2
rS
U
B
&
U
P
C
%
0
8
o
t
%
0
2
,
d
a
o
l
F
p
0
2-
2
.
11
.
2s
n
e
m
i
T
l
l
a
F
1
T2
fS
U
B
&
U
P
C
%
0
2
o
t
%
0
8
,
d
a
o
l
F
p
0
2-
1
.
10
.
2s
n
e
l
c
y
C
y
t
u
D
1
D1
tV
@
d
a
o
l
F
p
0
2
T
U
O
V
4
.
1
=2
57
52
6%
e
l
c
y
C
y
t
u
D
1
D2
tV
@
d
a
o
l
F
p
0
2
T
U
O
%
0
5
=5
40
55
5%
a
m
g
i
S
e
n
O
,
r
e
t
t
i
J
1
T1
s
1
j
,
F
p
0
2
=
d
a
o
L
;
s
k
c
o
l
C
S
U
B
&
U
P
C
3
3
=
S
R
W
z
H
M
5
2
>
T
U
O
F
-0
50
5
1s
p
e
t
u
l
o
s
b
A
,
r
e
t
t
i
J
1
T1
b
a
j
,
F
p
0
2
=
d
a
o
L
;
s
k
c
o
l
C
S
U
B
&
U
P
C
3
3
=
S
R
W
z
H
M
5
2
>
T
U
O
F
0
5
2
--
0
5
2s
p
a
m
g
i
S
e
n
O
,
r
e
t
t
i
J
1
T2
s
1
jR
F
p
0
2
=
d
a
o
L
;
s
K
L
C
F
E
R=
SW
3
3-
1
3
%
e
t
u
l
o
s
b
A
,
r
e
t
t
i
J
1
T2
b
a
jR
F
p
0
2
=
d
a
o
L
;
s
K
L
C
F
E
RS
W
3
3
=5
-2
5
%
y
c
n
e
u
q
e
r
F
t
u
p
n
I
1
Fi
0
.
2
18
1
3
.
4
10
.
6
1z
H
M
e
c
n
a
t
i
c
a
p
a
C
t
u
p
n
I
c
i
g
o
L
1
CN
Is
n
i
p
t
u
p
n
i
c
i
g
o
L-
5
-
F
p
e
c
n
a
t
i
c
a
p
a
C
r
o
t
a
l
l
i
c
s
O
l
a
t
s
y
r
C
1
CX
N
Is
n
i
p
2
X
,
1
X-
8
1-
F
p
e
m
i
T
n
o
-
r
e
w
o
P
1
tn
o
V
m
o
r
FD
D5
.
6
6
f
o
g
n
i
s
s
o
r
c
t
s
1
o
t
V
6
.
1
=
V
z
H
MD
Ds
m
0
4
<
p
m
a
r
y
l
p
p
u
s
-5
.
25
.
4s
m
e
m
i
T
g
n
i
l
t
t
e
S
y
c
n
e
u
q
e
r
F
1
ts
%
1
<
o
t
n
o
i
t
i
s
i
u
q
c
a
f
o
g
n
i
s
s
o
r
c
t
s
1
m
o
r
F
g
n
i
l
t
t
e
s
-0
.
20
.
4s
m
w
o
d
n
i
W
w
e
k
S
k
c
o
l
C
1
T1
k
sV
4
.
1
@
;
F
p
0
2
=
d
a
o
L
;
U
P
C
o
t
U
P
C-
0
5
10
5
2s
p
w
o
d
n
i
W
w
e
k
S
k
c
o
l
C
1
T2
k
sV
4
.
1
@
;
F
p
0
2
=
d
a
o
L
;
S
U
B
o
t
S
U
B-
0
0
30
0
5s
p
w
o
d
n
i
W
w
e
k
S
k
c
o
l
C
1
T3
k
sV
4
.
1
@
;
F
p
0
2
=
d
a
o
L
;
S
U
B
&
U
P
C1
6
.
25
s
n



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com