Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ICS9248-157 Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS9248-157
Description  Frequency Timing Generator for Pentium II Systems
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9248-157 Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS9248-157 Datasheet HTML 1Page - Integrated Circuit Systems ICS9248-157 Datasheet HTML 2Page - Integrated Circuit Systems ICS9248-157 Datasheet HTML 3Page - Integrated Circuit Systems ICS9248-157 Datasheet HTML 4Page - Integrated Circuit Systems ICS9248-157 Datasheet HTML 5Page - Integrated Circuit Systems ICS9248-157 Datasheet HTML 6Page - Integrated Circuit Systems ICS9248-157 Datasheet HTML 7Page - Integrated Circuit Systems ICS9248-157 Datasheet HTML 8Page - Integrated Circuit Systems ICS9248-157 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
ICS9248-157
Advance Information
Third party brands and names are the property of their respective owners.
Pin Descriptions
General Description
The ICS9248-157 is the Main clock solution for Notebook designs using the Intel ALI1621/1632M style chipset. Along with
an SDRAM buffer such as the ICS9179-03, it provides all necessary clock signals for such a system.
Spread spectrum may be enabled by driving pin 26, SPREAD# active (Low) at power-on. Spread spectrum typically reduces
system EMI by 8dB to 10dB. This simplifies EMI qualification without resorting to board design iterations or costly shielding.
The ICS9248-157 employs a proprietary closed loop design, which tightly controls the percentage of spreading over process
and temperature variations.
Pin number
Pin name
Type
Description
FS1
Input
Frequency select pin
REF0
Output
3.3V, 14.318 MHz reference clock output.
2
X1
Input
14.318 MHz crystal input
3
X2
Output
14.318 MHz crystal output
FS2
Input
Frequency select pin
PCICLK_F
Output
3.3 V free running PCI clock output, will not be stopped by the PCI_STOP#
SEL_CPUF#
Input
Active low input to select CPUCLK0/F (pin 23) either normal CPUCLK or Free
running (not stoppable through CPU_STOP#) clock.
PCICLK0
Output
3.3V PCI clock output
11, 10, 9, 6
PCICLK (4:1)
Output
3.3 V PCI clock outputs, generating timing requirements
7, 15, 21
GND
Power
Ground for clock outputs
8
VDDPCI
Power
3.3 V power for the PCI clock outputs
12
PCICLK_E
Output
Early PCICLK output, offset from other PCICLKs, stopped by PCI-STOP#
13
VDD48
Power
3.3 V power for 48 MHz clocks
FS3
Input
Frequency select pin
48MHz
Output
Fixed 48MHz clock.
16
DIV4#
Input
Active low input, enables the CPUCLK and the PCICLK to run at 1/4 of the regular
frequecies
17
PD#
Input
Asynchronous active low input pin used to power down the device into a low power
state. The internal clocks are disabled and the VCO and the crystal are stopped. The
latency of the power down will not be greater than 3ms.
18
CPU_STOP#
Input
Asynchronous active low input pin used to stop the CPUCLK in active low state, all
other clocks will continue to run. The CPUCLK will have a "Turnon " latency of at
least 3 CPU clocks.
19
VDDA
Power
3.3 V power for the core
20
PCI-STOP#
Input
Synchronous active low input used to stop the PCICLK in active low state. It will not
effect PCICLK_F or any other outputs.
22
GNDL
Power
Ground for the CPU and Host clock outputs
23
CPUCLK0/F
Output
2.5V CPU clock output; can be selected to be free running by driving
SEL_CPUF# low
24
CPUCLK1
0utput
2.5 V CPU and Host clock outputs
25
VDDL
Power
2.5 V power for the CPU and Host clock outputs
26
SPREAD#
Input
power-on spread spectrum enable option. Active low = spread spectrum clocking
enable. Active high = spread spectrum clocking disable.
FS0
Input
Frequency select pin
REF1
Output
3.3V, 14.318 MHz reference clock output.
28
VDDR
Power
3.3 V power for the REFCLK and crystal clock outputs
14
1
27
4
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com