Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ICS9250-22 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS9250-22
Description  Frequency Generator for P IV?
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9250-22 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS9250-22 Datasheet HTML 1Page - Integrated Circuit Systems ICS9250-22 Datasheet HTML 2Page - Integrated Circuit Systems ICS9250-22 Datasheet HTML 3Page - Integrated Circuit Systems ICS9250-22 Datasheet HTML 4Page - Integrated Circuit Systems ICS9250-22 Datasheet HTML 5Page - Integrated Circuit Systems ICS9250-22 Datasheet HTML 6Page - Integrated Circuit Systems ICS9250-22 Datasheet HTML 7Page - Integrated Circuit Systems ICS9250-22 Datasheet HTML 8Page - Integrated Circuit Systems ICS9250-22 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Integrated
Circuit
Systems, Inc.
ICS9250-22
Third party brands and names are the property of their respective owners.
9250-22 Rev B 12/08/00
Pin Configuration
56-Pin 300mil SSOP & TSSOP
Recommended Application:
P IV Chipset Support
Output Features:
•
4 Differential CPU Clock Pairs @ 3.3V
•
2 - 3V MREF clocks for memory reference seeds,
(separate single ended but 180 degrees out of phase)
•
4 - 66MHz reference output
•
10 - 3V 33MHz PCI clocks
•
2 - 48MHz clocks
•
2 - 14.318 reference output
Features:
•
Support power management: Power Down Mode
•
Supports Spread Spectrum modulation: 0 to -0.5% down
spread.
•
Uses external 14.318MHz crystal
•
Select logic for Differential Swing Control, Test mode,
Tristate, Power down, Spread Spectrum, limited
frequency select, selective clock enable.
•
External resistor for current reference
•
FS pins for frequency select
Key Specifications:
•
3V66 Output jitter <300ps
•
CPU Output Jitter <200ps
•
MREF Output jitter <250ps
Frequency Generator for P IV™
GND
REF
VDDREF
X1
X2
GNDREF
PCICLK0
PCICLK1
VDDPCI
PCICLK2
PCICLK3
GNDPCI
PCICLK4
PCICLK5
VDDPCI
PCICLK6
PCICLK7
GNDPCI
PCICLK8
PCICLK9
VDDPCI
SEL100/133
GND48
48MHz
48MHz
VDD48
PD#
MULTSEL0/
MULTSEL1/REF
FS0/
FS1/
VDDMREF
3VMREF
3VMREF_B
GNDMREF
SPREAD#
CPUCLKST3
CPUCLKSC3
VDDCPU
CPUCLKST2
CPUCLKSC2
GNDCPU
CPUCLKST1
CPUCLKSC1
VDDCPU
CPUCLKST0
CPUCLKSC0
GNDCPU
I REF
VDDA
GNDA
VDD3V66
3V66-3
3V66-2
GND3V66
GND3V66
3V66-1
3V66-0
VDD3V66
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
Functionality
PLL2
PLL1
Spread
Spectrum
48MHz
3VMREF
PCICLK (9:0)
3VMREF_B
3V66 (3:0)
4
10
2
2
X1
X2
XTAL
OSC
CPU
DIVDER
3VMREF
DIVDER
PCI
DIVDER
3V66
DIVDER
PD#
SPREAD#
MULTSEL (1:0)
SEL100/133
FS(1:0)
Control
Logic
Config.
Reg.
REF
4
4
CPUCLKST (3:0)
CPUCLKSC (3:0)
/
3
3
1
L
E
S
0
0
1
0
S
F1
S
Fn
o
i
t
c
n
u
F
00
0
z
H
M
0
0
1
e
v
i
t
c
A
00
1
)
d
e
v
r
e
s
e
R
(
01
0
)
d
e
v
r
e
s
e
R
(
01
1
s
t
u
p
t
u
o
l
l
a
e
t
a
t
s
i
r
T
10
0
z
H
M
3
3
1
e
v
i
t
c
A
10
1
)
d
e
v
r
e
s
e
R
(
11
0
)
d
e
v
r
e
s
e
R
(
11
1
e
d
o
M
t
s
e
T
Block Diagram
Power Groups
VDDREF, GNDREF= REF, X1, X2
VDDPCI, GNDPCI = PCICLK
VDD48, GND48 = 48MHz, PLL2
VDD3V66, GND3V66=3V66
VDDCPU, GNDCPU = CPUCLK
VDDMREF, GNDMREF=3VMREF, 3VMREF_B
VDDA=VDD (core supply voltage 3.3V)
GNDA=Ground for core supply
ICS reserves the right to make changes in the device data identified in
this publication without further notice. ICS advises its customers to
obtain the latest version of all device data to verify that any
information being relied upon by the customer is current and accurate.


Similar Part No. - ICS9250-22

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9250-23 ICST-ICS9250-23 Datasheet
403Kb / 15P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
Rev A 4/3/01
logo
Renesas Technology Corp
ICS9250-23 RENESAS-ICS9250-23 Datasheet
369Kb / 16P
Frequency Generator & Integrated Buffers for Celeron & PII/III™
2019
logo
Integrated Circuit Syst...
ICS9250-25 ICST-ICS9250-25 Datasheet
263Kb / 14P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
Rev A 10/03/00
ICS9250-26 ICST-ICS9250-26 Datasheet
223Kb / 15P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
Rev B 01/19/01
ICS9250-27 ICST-ICS9250-27 Datasheet
248Kb / 14P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
Rev B 02/15/01
More results

Similar Description - ICS9250-22

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9117-01 ICST-ICS9117-01 Datasheet
68Kb / 5P
Frequency Generator for Modem Systems
RevA 052297
ICS9169A-70 ICST-ICS9169A-70 Datasheet
197Kb / 7P
Frequency Generator for Workstation Systems
Rev B 2/14/01
ICS952302 ICST-ICS952302 Datasheet
128Kb / 15P
Frequency Generator for TransmetaTM
logo
Integrated Device Techn...
ICS9169A-70 IDT-ICS9169A-70 Datasheet
202Kb / 7P
Frequency Generator for Workstation Systems
9FGP204 IDT-9FGP204 Datasheet
177Kb / 18P
Frequency Timing Generator for Peripherals
9FGP205 IDT-9FGP205 Datasheet
264Kb / 18P
Frequency Timing Generator for Peripherals
9FGP202A IDT-9FGP202A Datasheet
231Kb / 19P
FREQUENCY TIMING GENERATOR FOR PERIPHERALS
logo
Renesas Technology Corp
9FGP202 RENESAS-9FGP202 Datasheet
427Kb / 20P
FREQUENCY TIMING GENERATOR FOR PERIPHERALS
REV D 070511
9FGP204 RENESAS-9FGP204 Datasheet
320Kb / 19P
Frequency Timing Generator for Peripherals
04/23/15
9FGP205 RENESAS-9FGP205 Datasheet
323Kb / 19P
Frequency Timing Generator for Peripherals
07/16/14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com