Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ICS9250-27 Datasheet(PDF) 7 Page - Integrated Circuit Systems

Part # ICS9250-27
Description  Frequency Generator & Integrated Buffers for Celeron & PII/III?
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9250-27 Datasheet(HTML) 7 Page - Integrated Circuit Systems

Back Button ICS9250-27 Datasheet HTML 3Page - Integrated Circuit Systems ICS9250-27 Datasheet HTML 4Page - Integrated Circuit Systems ICS9250-27 Datasheet HTML 5Page - Integrated Circuit Systems ICS9250-27 Datasheet HTML 6Page - Integrated Circuit Systems ICS9250-27 Datasheet HTML 7Page - Integrated Circuit Systems ICS9250-27 Datasheet HTML 8Page - Integrated Circuit Systems ICS9250-27 Datasheet HTML 9Page - Integrated Circuit Systems ICS9250-27 Datasheet HTML 10Page - Integrated Circuit Systems ICS9250-27 Datasheet HTML 11Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
7
ICS9250-27
Absolute Maximum Ratings
Core Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . 4.6 V
I/O Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . 3.6V
Logic Inputs . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . GND –0.5 V to VDD +0.5 V
Ambient Operating Temperature . . . . . . . . . . . . . 0°C to +70°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . –65°C to +150°C
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. These ratings are
stress specifications only and functional operation of the device at these or any other conditions above those listed in the
operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods
may affect product reliability.
Electrical Characteristics - Input/Supply/Common Output Parameters
TA = 0 - 70C; Supply Voltage VDD = 3.3 V +/-5%, VDDL = 2.5 V +/-5% (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input High Voltage
VIH
2VDD+0.3
V
Input Low Voltage
VIL
VSS-0.3
0.8
V
Input High Current
IIH
VIN = VDD
-5
5
µA
IIL1
VIN = 0 V; Inputs with no pull-up resistors
-5
2
IIL2
VIN = 0 V; Inputs with pull-up resistors
-200
-100
C
L = 0 pF; Select @ 66 MHz
97
115
C
L = 0 pF; Select @ 100 MHz
91
110
C
L = 0 pF; Select @ 133 MHz
100
165
C
L = Max loads; Select @ 66 MHz
295
330
C
L = Max loads; Select @ 100 MHz
280
320
C
L = Max loads; Select @ 133 MHz
300
395
C
L = 0 pF; Select @ 66 MHz
16
19
C
L = 0 pF; Select @ 100 MHz
25
35
C
L = 0 pF; Select @ 133 MHz
26
40
C
L = Max loads; Select @ 66 MHz
19
30
C
L = Max loads; Select @ 100 MHz
34
50
C
L = Max loads; Select @ 133 MHz
40
70
IDD3.3PD
C
L = Max loads
220
400
IDD.25PD
Input address VDD or GND
<1
10
Input Frequency
Fi
VDD = 3.3 V
12
14.318
16
MHz
Pin Inductance
Lpin
7nH
CIN
Logic Inputs
5
pF
COUT
Output pin capacitance
6
pF
CINX
X1 & X2 pins
27
45
pF
Transition time
1
Ttrans
To 1st crossing of target frequency
5
ms
Settling time
1
Ts
From 1st crossing to 1% target frequency
5
ms
Clk Stabilization
1
TSTAB
From VDD = 3.3 V to 1% target frequency
5
ms
tPZH,tPZL
Output enable delay (all outputs)
1
10
ns
tPHZ,tPLZ
Output disable delay (all outputs)
1
10
ns
1Guaranteed by design, not 100% tested in production.
Delay
1
mA
mA
Input Capacitance
1
I
DD2.5OP
µA
Powerdown Current
Operating Supply
Current
Input Low Current
µA
mA
mA
I
DD3.3OP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com