Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

D2KB1 Datasheet(PDF) 1 Page - Goodwork Semiconductor Co., Ltd .

Part # D2KB1
Description  BR1005 BR101 BR102 BR104 BR106 BR108 BR1010
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GWSEMI [Goodwork Semiconductor Co., Ltd .]
Direct Link  http://www.goodwork.com.tw/
Logo GWSEMI - Goodwork Semiconductor Co., Ltd .

D2KB1 Datasheet(HTML) 1 Page - Goodwork Semiconductor Co., Ltd .

  D2KB1 Datasheet HTML 1Page - Goodwork Semiconductor Co., Ltd . D2KB1 Datasheet HTML 2Page - Goodwork Semiconductor Co., Ltd .  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature uniess otherwies specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
.375"(9.5mm) Lead Length at Tc=138 C
FEATURES
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Maximum Forward Voltage Drop per Bridge Element at 2.0A D.C.
Maximum DC Reverse Current
Ta=25 C
at Rated DC Blocking Voltage
Ta=125 C
D2KB05 D2KB1 D2KB2 D2KB4
D2KB6 D2KB8 D2KB10
UNITS
50
100
200
400
600
800
1000
V
50
100
200
400
600
800
1000
V
35
70
140
280
420
560
700
2.0
60
10
500
-65
+150
-65
+150
V
A
A
V
* Terminal:Plated leads solderable per MIL-202E,method 208C
* Cass: UL-94 Class V-0 recogmized Flane Retardant Epoxy
* Polarity: Polarity symbol marked on body
* Mounting position: Any
D2KB05 THRU D2KB10
1.1
VOLTAGE RANGE
50 to 1000 Volts
CURRENT
2.0 Amperes
Dimensions in inches and (millimeters)
D3K
.162(4.11)
.138(3.51)
.130(3.3)
.114(2.9)
.110(2.8)
.094(2.4)
.437(11.1)
.413(10.5) .484(12.3)
.461(11.7)
.027(.70)
.014(.35)
.134(3.4)
.122(3.1)
.055(1.4)
.039(1.0)
.094(2.4)
.071(1.8)
.531(13.5)
.492(12.5)
.034(.86)
.026(.66)
.059(1.50)
.043(1.10)
.276(7.0)
.252(6.4)
.555(14.1)
.531(13.5)
AC
.09(2.29)
SPACING
Storage Temperature Range, TSTG
Operating Temperature Range, TJ
C
C
.024(0.6)
R2
.057(1.45)
264
SINGLE PHASE 2.0 AMP BRIDGE RECTIFIERS
A
A


Similar Part No. - D2KB1

ManufacturerPart #DatasheetDescription
logo
Bytesonic Electronics C...
D2KB1 BYTESONIC-D2KB1 Datasheet
131Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIERS
Version 1.0 2018/3/23
logo
DONGGUAN YOU FENG WEI E...
D2KB1 YFWDIODE-D2KB1 Datasheet
469Kb / 3P
2.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Leshan Radio Company
D2KB10 LRC-D2KB10 Datasheet
228Kb / 3P
High Current Glass Passivated Molding Single-Phase Bridge Rectifier
logo
Bytesonic Electronics C...
D2KB10 BYTESONIC-D2KB10 Datasheet
131Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIERS
Version 1.0 2018/3/23
logo
Zibo Seno Electronic En...
D2KB10 ZSELEC-D2KB10 Datasheet
117Kb / 2P
2.0A BRIDGE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com