Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

IDT29FCT520CSOB Datasheet(PDF) 2 Page - Integrated Device Technology

Part # IDT29FCT520CSOB
Description  MULTILEVEL PIPELINE REGISTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT29FCT520CSOB Datasheet(HTML) 2 Page - Integrated Device Technology

  IDT29FCT520CSOB Datasheet HTML 1Page - Integrated Device Technology IDT29FCT520CSOB Datasheet HTML 2Page - Integrated Device Technology IDT29FCT520CSOB Datasheet HTML 3Page - Integrated Device Technology IDT29FCT520CSOB Datasheet HTML 4Page - Integrated Device Technology IDT29FCT520CSOB Datasheet HTML 5Page - Integrated Device Technology IDT29FCT520CSOB Datasheet HTML 6Page - Integrated Device Technology IDT29FCT520CSOB Datasheet HTML 7Page - Integrated Device Technology IDT29FCT520CSOB Datasheet HTML 8Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
7.2
2
IDT29FCT520A/B/C
MULTILEVEL PIPELINE REGISTER
MILITARY AND COMMERCIAL TEMPERATURE RANGES
PIN CONFIGURATIONS
2620 drw 02
5
6
7
8
9
10
11
L28-1
25
24
23
22
21
20
19
INDEX
D1
D2
D3
D4
D5
D6
NC
NC
Y0
Y1
Y2
Y3
Y4
Y5
12 13 14 15 16 17 18
43
2
1
28 27 26
DIP/CERPACK/SOIC
TOP VIEW
5
6
7
8
9
10
11
12
GND
1
2
3
4
24
23
22
21
20
19
18
17
Vcc
16
15
14
13
P24-1,
D24-1,
E24-1
&
SO24-2
S0
S1
Y0
Y1
Y2
Y3
Y4
Y5
OE
I0
I1
D0
D1
D2
D3
D4
D5
D6
D7
CLK
Y6
Y7
LCC
TOP VIEW
DEFINITION OF FUNCTIONAL TERMS
Pin Names
Description
Dn
Register input port.
CLK
Clock input. Enter data into registers on LOW-
to-HIGH transitions.
I0, I1
Instruction inputs. See Figure 1 and
In-
struction Control Tables.
S0, S1
Multiplexer select. Inputs either register A1, A2,
B1 or B2 data to be available at the output port.
OE
Output enable for 3-state output port
Yn
Register output port.
2620 tbl 01
REGISTER SELECTION
S1
S0
Register
00
B2
01
B1
10
A2
11
A1
2620 tbl 02



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com