Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

S80296SA Datasheet(PDF) 9 Page - Intel Corporation

Part # S80296SA
Description  80296SA COMMERCIAL CHMOS 16-BIT MICROCONTROLLER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

S80296SA Datasheet(HTML) 9 Page - Intel Corporation

Back Button S80296SA Datasheet HTML 5Page - Intel Corporation S80296SA Datasheet HTML 6Page - Intel Corporation S80296SA Datasheet HTML 7Page - Intel Corporation S80296SA Datasheet HTML 8Page - Intel Corporation S80296SA Datasheet HTML 9Page - Intel Corporation S80296SA Datasheet HTML 10Page - Intel Corporation S80296SA Datasheet HTML 11Page - Intel Corporation S80296SA Datasheet HTML 12Page - Intel Corporation S80296SA Datasheet HTML 13Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
PRELIMINARY
5
80296SA COMMERCIAL CHMOS 16-BIT MICROCONTROLLER
Table 3. 80296SA 100-pin QFP Pin Assignment Arranged by Functional Categories
Address & Data
Address & Data
(continued)
Input/Output
Power & Ground
Name
Pin
Name
Pin
Name
Pin
Name
Pin
A0
6
AD12
87
CS0#/P3.0
19
V
CC
8
A1
7
AD13
86
CS1#/P3.1
20
V
CC
16
A2
10
AD14
85
CS2#/P3.2
21
V
CC
30
A3
11
AD15
84
CS3#/P3.3
22
V
CC
36
A4
12
Bus Control & Status
CS4#/P3.4
24
V
CC
44
A5
13
Name
Pin
CS5#/P3.5
25
V
CC
53
A6
14
ALE
74
EPA0/P1.0
29
V
CC
68
A7
15
BHE#/WRH#
75
EPA1/P1.1
31
V
CC
81
A8
66
BREQ#
49
EPA2/P1.2
32
V
CC
93
A9
65
HOLD#
51
EPA3/P1.3
33
V
SS
9
A10
64
HLDA#
52
EPORT.0
83
V
SS
17
A11
63
INST
73
EPORT.1
82
V
SS
23
A12
62
RD#
76
EPORT.2
79
V
SS
38
A13
61
READY
72
EPORT.3
78
V
SS
45
A14
60
WR#/WRL#
77
P2.2
48
V
SS
55
A15
59
P2.3
49
V
SS
58
A16
83
Processor Control
P2.4
50
V
SS
67
A17
82
Name
Pin
P2.5
51
V
SS
80
A18
79
CLKOUT
54
P2.6
52
V
SS
91
A19
78
EXTINT0
48
P2.7
54
AD0
1
EXTINT1
50
P3.6
26
No Connection
AD1
100
EXTINT2
26
P3.7
28
Name
Pin
AD2
99
EXTINT3
28
P4.3
43
NC
2
AD3
98
NMI
4
PWM0/P4.0
40
NC
5
AD4
97
ONCE
70
PWM1/P4.1
41
NC
27
AD5
96
RESET#
3
PWM2/P4.2
42
AD6
95
RPD
71
RXD/P2.1
47
AD7
94
XTAL1
57
T1CLK/P1.4
34
AD8
92
XTAL2
56
T1DIR/P1.5
35
AD9
90
PLLEN1
18
T2CLK/P1.6
37
AD10
89
PLLEN2
69
T2DIR/P1.7
39
AD11
88
TXD/P2.0
46



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com