Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

80C186EB Datasheet(PDF) 5 Page - Intel Corporation

Part # 80C186EB
Description  16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80C186EB Datasheet(HTML) 5 Page - Intel Corporation

  80C186EB Datasheet HTML 1Page - Intel Corporation 80C186EB Datasheet HTML 2Page - Intel Corporation 80C186EB Datasheet HTML 3Page - Intel Corporation 80C186EB Datasheet HTML 4Page - Intel Corporation 80C186EB Datasheet HTML 5Page - Intel Corporation 80C186EB Datasheet HTML 6Page - Intel Corporation 80C186EB Datasheet HTML 7Page - Intel Corporation 80C186EB Datasheet HTML 8Page - Intel Corporation 80C186EB Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 59 page
background image
80C186EB80C188EB 80L186EB80L188EB
272433 – 3
(A) Crystal Connection
NOTE
The L1C1 network is only required when using a third-
overtone crystal
272433 – 4
(B) Clock Connection
Figure 2 Clock Configurations
The following parameters are recommended when
choosing a crystal
Temperature Range
Application Specific
ESR (Equivalent Series Resistance)
40X max
C0 (Shunt Capacitance of Crystal)
70 pF max
CL (Load Capacitance)
20 pF g 2pF
Drive Level
1 mW max
80C186EB PERIPHERAL
ARCHITECTURE
The 80C186EB has integrated several common sys-
tem peripherals with a CPU core to create a com-
pact yet powerful system The integrated peripher-
als are designed to be flexible and provide logical
interconnections between supporting units (eg the
interrupt control unit supports interrupt requests
from the timercounters or serial channels)
The list of integrated peripherals includes
 7-Input Interrupt Control Unit
 3-Channel TimerCounter Unit
 2-Channel Serial Communications Unit
 10-Output Chip-Select Unit
 IO Port Unit
 Refresh Control Unit
 Power Management Unit
The registers associated with each integrated peri-
heral are contained within a 128 x 16 register file
called the Peripheral Control Block (PCB) The PCB
can be located in either memory or IO space on
any 256 Byte address boundary
Figure 3 provides a list of the registers associated
with the PCB The Register Bit Summary at the end
of this specification individually lists all of the regis-
ters and identifies each of their programming attri-
butes
Interrupt Control Unit
The 80C186EB can receive interrupts from a num-
ber of sources both internal and external The inter-
rupt control unit serves to merge these requests on
a priority basis for individual service by the CPU
Each interrupt source can be independently masked
by the Interrupt Control Unit (ICU) or all interrupts
can be globally masked by the CPU
Internal interrupt sources include the Timers and Se-
rial channel 0 External interrupt sources come from
the five input pins INT40 The NMI interrupt pin is
not controlled by the ICU and is passed directly to
the CPU Although the Timer and Serial channel
each have only one request input to the ICU sepa-
rate vector types are generated to service individual
interrupts within the Timer and Serial channel units
TimerCounter Unit
The 80C186EB TimerCounter Unit (TCU) provides
three 16-bit programmable timers Two of these are
highly flexible and are connected to external pins for
control or clocking A third timer is not connected to
any external pins and can only be clocked internally
However it can be used to clock the other two timer
channels The TCU can be used to count external
events time external events generate non-repeti-
tive waveforms generate timed interrupts etc
5
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com