Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

82091AA Datasheet(PDF) 46 Page - Intel Corporation

Part # 82091AA
Description  ADVANCED INTEGRATED PERIPHERAL (AIP)
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82091AA Datasheet(HTML) 46 Page - Intel Corporation

Back Button 82091AA Datasheet HTML 42Page - Intel Corporation 82091AA Datasheet HTML 43Page - Intel Corporation 82091AA Datasheet HTML 44Page - Intel Corporation 82091AA Datasheet HTML 45Page - Intel Corporation 82091AA Datasheet HTML 46Page - Intel Corporation 82091AA Datasheet HTML 47Page - Intel Corporation 82091AA Datasheet HTML 48Page - Intel Corporation 82091AA Datasheet HTML 49Page - Intel Corporation 82091AA Datasheet HTML 50Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 204 page
background image
82091AA
4112 SBCFG1SERIAL PORT B CONFIGURATION REGISTER
Index Address
40h
Default Value
0RR0 0000
Attribute
ReadWrite
Size
8 bits
The SBCFG1 register enablesdisables Serial Port B selects the Serial Port B address range and selects
between IRQ3 and IRQ4 as the Serial Port B interrupt This register also selects the appropriate clock frequen-
cy for use with MIDI
NOTES
1 Through programming of this register and the SBCFG1 Register the 82091AA permits serial ports A
and B to be configured for the same interrupt assignment However software must take care in
responding to interrupts correctly
2 It is possible to enable and assign both serial ports to the same address through software In this
configuration the 82091AA disables serial port B but does not set serial port B into it’s powerdown
condition Although this is a safe configuration for the 82091AA it is not power conservative and is
not recommended
290486 – 16
NOTE
Default shown is for SWMB and SWAI hardware configuration modes For HWB and HWE modes the default is
determined by hardware strapping options as described in Section 42 Hardware Configuration
Figure 16 Serial Port B Configuration Register
46



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com