Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

2SC945 Datasheet(PDF) 1 Page - MAKO SEMICONDUCTOR CO.,LIMITED

Part # 2SC945
Description  Plastic-Encapsulate Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAKOSEMI [MAKO SEMICONDUCTOR CO.,LIMITED]
Direct Link  http://www.makosemi.hk/
Logo MAKOSEMI - MAKO SEMICONDUCTOR CO.,LIMITED

2SC945 Datasheet(HTML) 1 Page - MAKO SEMICONDUCTOR CO.,LIMITED

  2SC945 Datasheet HTML 1Page - MAKO SEMICONDUCTOR CO.,LIMITED 2SC945 Datasheet HTML 2Page - MAKO SEMICONDUCTOR CO.,LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page:P2-P1
Plastic-Encapsulate Transistors
FEATURES
Complementary to A733
MARKING: CR
MAXIMUM RATINGS (TA=25
unless otherwise noted)
Parameter
Symbol
Value
Unit
Collector-Base Voltage
V
CBO
60
V
Collector-Emitter Voltage
V
CEO
50
V
Emitter-Base Voltage
V
EBO
5
V
Collector Current -Continuous
I
C
150
mA
Collector Power Dissipation
PC
0.4
W
Junction Temperature
T
J
150
Storage Temperature
Tstg
-55 to +150
ELECTRICAL CHARACTERISTICS (Tamb=25
unless otherwise specified)
Parameter
Symbol
Test
conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
VCBO
IC=1mA , IE=0
60
V
Collector-emitter breakdown voltage
VCEO
IC=100uA , IB=0
50
V
Emitter-base breakdown voltage
VEBO
IE=100mA, IC=0
5
V
Collector cut-off current
ICB
O
VCB=60V, IE=0
0.1
uA
Collector cut-off current
ICE
O
VCE=45V
0.1
uA
Emitter cut-off current
IEB
O
VEB=5V ,
IC=0
0.1
uA
DC current gain
hFE(1)
VCE=6 V ,
IC=1mA
70
700
hFE(2)
VCE=6 V ,
IC=0.1mA
40
Collector-emitter saturation voltage
VCE(sat)
IC=100mA, IB=10mA
0.3
V
Base-emitter saturation voltage
VBE(sat)
IC=100mA, IB=10mA
1
V
Transition frequency
fT
VCE=6V,IC=10mA,f =30 MHz
200
MHz
Collector output capacitance
Cob
VCB=10V,IE=0,f=1MHZ
3.0
pF
Noise figure
NF
VCE=6V,IC=0.1mA
RG=10kΩ,f=1kMHZ
10
dB
CLASSIFICATION OF
hFE
Rank
O
Y
GR
BL
Range
70-140
120-240
200-400
350-700
(NPN)
1. BASE
2. EMITTER
SOT-23
3. COLLECTO
C945
MAKO Semiconductor Co., Limited
4008-378-873
http://www.makosemi.hk/


Similar Part No. - 2SC945

ManufacturerPart #DatasheetDescription
logo
NEC
2SC945 NEC-2SC945 Datasheet
281Kb / 3P
NPN Silicon Transistor(AF amplifier and low speed switching)
logo
Micro Electronics
2SC945 MICRO-ELECTRONICS-2SC945 Datasheet
70Kb / 1P
NPN Silicon Planar Epitaxial Transistor
logo
Guangdong Kexin Industr...
2SC945 KEXIN-2SC945 Datasheet
151Kb / 2P
2SC945
logo
Dc Components
2SC945 DCCOM-2SC945 Datasheet
215Kb / 1P
TECHNICAL SPECIFICATIONS OF NPN EPITAXIAL PLANAR TRANSISTOR
logo
Unisonic Technologies
2SC945 UTC-2SC945 Datasheet
186Kb / 4P
AUDIO FREQUENCY AMPLIFIER HIGH FREQUENCY OSC NPN TRANSISTOR
More results

Similar Description - 2SC945

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S9013 ETC-S9013 Datasheet
963Kb / 2P
PLASTIC ENCAPSULATE TRANSISTORS
logo
Micro Commercial Compon...
MMDT5401 MCC-MMDT5401 Datasheet
116Kb / 3P
Plastic-Encapsulate Transistors
logo
SeCoS Halbleitertechnol...
BCX51 SECOS-BCX51 Datasheet
1Mb / 1P
Plastic-Encapsulate Transistors
D882 SECOS-D882 Datasheet
277Kb / 2P
Plastic Encapsulate Transistors
logo
Micro Commercial Compon...
MMDT5401 MCC-MMDT5401_11 Datasheet
231Kb / 3P
Plastic-Encapsulate Transistors
logo
MAKO SEMICONDUCTOR CO.,...
KTC3875 MAKOSEMI-KTC3875 Datasheet
88Kb / 2P
Plastic-Encapsulate Transistors
logo
Nanjing International G...
KTA1275 DGNJDZ-KTA1275 Datasheet
149Kb / 1P
Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
2SD2142 JIANGSU-2SD2142 Datasheet
271Kb / 1P
Plastic-Encapsulate Transistors
BC516 JIANGSU-BC516 Datasheet
401Kb / 3P
Plastic-Encapsulate Transistors
BCX38 JIANGSU-BCX38 Datasheet
383Kb / 3P
Plastic-Encapsulate Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com