Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MMBT4403 Datasheet(PDF) 1 Page - MAKO SEMICONDUCTOR CO.,LIMITED

Part # MMBT4403
Description  Plastic-Encapsulate Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAKOSEMI [MAKO SEMICONDUCTOR CO.,LIMITED]
Direct Link  http://www.makosemi.hk/
Logo MAKOSEMI - MAKO SEMICONDUCTOR CO.,LIMITED

MMBT4403 Datasheet(HTML) 1 Page - MAKO SEMICONDUCTOR CO.,LIMITED

  MMBT4403 Datasheet HTML 1Page - MAKO SEMICONDUCTOR CO.,LIMITED MMBT4403 Datasheet HTML 2Page - MAKO SEMICONDUCTOR CO.,LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page:P2-P1
Plastic-Encapsulate Transistors
FEATURES
Switching transistor)
Marking:2T
MAXIMUM RATINGS (TA=25
unless otherwise noted)
Parameter
Symbol
Value
Unit
Collector-Base Voltage
V
CBO
-40
V
Collector-Emitter Voltage
V
CEO
-40
V
Emitter-Base Voltage
V
EBO
-5
V
Collector Current -Continuous
I
C
600
mA
Collector Power Dissipation
PC
300
mW
Junction Temperature
T
J
150
Storage Temperature
Tstg
-55 to +150
ELECTRICAL CHARACTERISTICS (Tamb=25
unless otherwise specified)
Parameter
Symbol
Test
conditions
Min
Max
Unit
Collector-base breakdown voltage
VCBO
IC=-100μA , IE=0
-40
V
Collector-emitter breakdown voltage
VCEO
IC= -1mA , IB=0
-40
V
Emitter-base breakdown voltage
VEBO
IE=-100μA, IC=0
-5
V
Collector cut-off current
ICBO
VCB=-35V, IE=0
-0.1
μA
Collector cut-off current
ICEO
VCE=-35 V, IB=0
-0.1
μA
Emitter cut-off current
IEBO
VEB=-4V,IC=0
-0.1
μA
DC current gain
hFE
VCE=-2V, IC= -150mA
100
300
Collector-emitter saturation voltage
VCE(sat)
IC=-150mA, IB=-15mA
-0.4
V
Base-emitter saturation voltage
VBE(sat)
IC=- 150mA, IB=-15mA
-0.95
V
Transition frequency
f T
VCE= -10V, IC= -20mA
f = 100MHz
200
MHz
(PNP)
1. BASE
2. EMITTER
SOT-23
3. COLLECTO
MMBT4403
MAKO Semiconductor Co., Limited
4008-378-873
http://www.makosemi.hk/


Similar Part No. - MMBT4403

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
MMBT4403 TRSYS-MMBT4403 Datasheet
196Kb / 2P
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
logo
Fairchild Semiconductor
MMBT4403 FAIRCHILD-MMBT4403 Datasheet
42Kb / 7P
PNP General Purpose Amplifier
logo
Diodes Incorporated
MMBT4403 DIODES-MMBT4403 Datasheet
55Kb / 3P
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30058 Rev. 3 - 2
logo
General Semiconductor
MMBT4403 GE-MMBT4403 Datasheet
116Kb / 3P
SMALL SIGNAL TRANSISTORS (PNP)
logo
Micro Commercial Compon...
MMBT4403 MCC-MMBT4403 Datasheet
88Kb / 3P
PNP General Purpose Amplifier
More results

Similar Description - MMBT4403

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S9013 ETC-S9013 Datasheet
963Kb / 2P
PLASTIC ENCAPSULATE TRANSISTORS
logo
Micro Commercial Compon...
MMDT5401 MCC-MMDT5401 Datasheet
116Kb / 3P
Plastic-Encapsulate Transistors
logo
SeCoS Halbleitertechnol...
BCX51 SECOS-BCX51 Datasheet
1Mb / 1P
Plastic-Encapsulate Transistors
D882 SECOS-D882 Datasheet
277Kb / 2P
Plastic Encapsulate Transistors
logo
Micro Commercial Compon...
MMDT5401 MCC-MMDT5401_11 Datasheet
231Kb / 3P
Plastic-Encapsulate Transistors
logo
MAKO SEMICONDUCTOR CO.,...
2SC945 MAKOSEMI-2SC945 Datasheet
99Kb / 2P
Plastic-Encapsulate Transistors
KTC3875 MAKOSEMI-KTC3875 Datasheet
88Kb / 2P
Plastic-Encapsulate Transistors
logo
Nanjing International G...
KTA1275 DGNJDZ-KTA1275 Datasheet
149Kb / 1P
Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
2SD2142 JIANGSU-2SD2142 Datasheet
271Kb / 1P
Plastic-Encapsulate Transistors
BC516 JIANGSU-BC516 Datasheet
401Kb / 3P
Plastic-Encapsulate Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com