Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

83C51KB Datasheet(PDF) 10 Page - Intel Corporation

Part # 83C51KB
Description  HIGH PERFORMANCE KEYBOARD MICROCONTROLLER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

83C51KB Datasheet(HTML) 10 Page - Intel Corporation

Back Button 83C51KB Datasheet HTML 6Page - Intel Corporation 83C51KB Datasheet HTML 7Page - Intel Corporation 83C51KB Datasheet HTML 8Page - Intel Corporation 83C51KB Datasheet HTML 9Page - Intel Corporation 83C51KB Datasheet HTML 10Page - Intel Corporation 83C51KB Datasheet HTML 11Page - Intel Corporation 83C51KB Datasheet HTML 12Page - Intel Corporation 83C51KB Datasheet HTML 13Page - Intel Corporation 83C51KB Datasheet HTML 14Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
10
83C51KB HIGH PERFORMANCE KEYBOARD MICROCONTROLLER
6.0 ELECTRICAL CHARACTERISTICS
ABSOLUTE MAXIMUM RATINGS
Ambient Temperature under Bias:
Commercial ...................................... 0°C to +70°C
Storage Temperature............................. -65°C to +150°C
Voltage on Any Pin to VSS ...................... -0.5 V to +6.5 V
I
OL per I/O Pin.......................................................... 15 mA
Power Dissipation ................................................... 1.5 W
NOTE:
Maximum power dissipation is based on
package heat-transfer limitations, not
device power consumption.
OPERATING CONDITIONS
T
A (Ambient Temperature Under Bias):
Commercial ..................................... 0°C to +70°C
VCC (Digital Supply Voltage) ..................... 4.5 V to 5.5 V
VSS ............................................................................. 0 V
NOTICE: This document contains information on
products in the design phase of development. Do
not finalize a design with this information. Revised
information will be published when the product is
available. Verify with your local Intel sales office
that you have the latest datasheet before finalizing
a design.
WARNING: Stressing the device beyond the “Absolute Max-
imum Ratings” may cause permanent damage. These are
stress ratings only. Operation beyond the “Operating Condi-
tions” is not recommended and extended exposure beyond
the “Operating Conditions” may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com