Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

W78IRD2 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # W78IRD2
Description  8-BIT MICROCONTROLLER
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

W78IRD2 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button W78IRD2 Datasheet HTML 17Page - List of Unclassifed Manufacturers W78IRD2 Datasheet HTML 18Page - List of Unclassifed Manufacturers W78IRD2 Datasheet HTML 19Page - List of Unclassifed Manufacturers W78IRD2 Datasheet HTML 20Page - List of Unclassifed Manufacturers W78IRD2 Datasheet HTML 21Page - List of Unclassifed Manufacturers W78IRD2 Datasheet HTML 22Page - List of Unclassifed Manufacturers W78IRD2 Datasheet HTML 23Page - List of Unclassifed Manufacturers W78IRD2 Datasheet HTML 24Page - List of Unclassifed Manufacturers W78IRD2 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 76 page
background image
W78IRD2
Publication Release Date: October 2, 2006
- 21 -
Revision A7
BIT
NAME
FUNCTION
7, 6
P41FUN1
P41FUN0
P4.1 function control bits, similar to P43FUN1 and P43FUN0 below.
5, 4
P41CMP1
P41CMP0
P4.1 address-comparator length control bits, similar to P43CMP1 and
P43CMP0 below.
3, 2
P40FUN1
P40FUN0
P4.0 function control bits, similar to P43FUN1 and P43FUN0 below.
1, 0
P40CMP1
P40CMP0
P4.0 address-comparator length control bits, similar to P43CMP1 and
P43CMP0 below.
Port 4 Control Register B
Bit:
7
6
5
4
3
2
1
0
P43FUN1 P43FUN0 P43CMP1 P43CMP0 P42FUN1 P42FUN0 P42CMP1 P42CMP0
Mnemonic: P4CONB
Address: C3h
BIT
NAME
FUNCTION
7, 6
P43FUN1
P43FUN0
00: Mode 0. P4.3 is a general purpose I/O port, like Port 1.
01: Mode 1. P4.3 is a read-strobe signal for chip-select purposes. The
address range depends on SFR P43AH, P43AL, P43CMP1 and
P43CMP0.
10: Mode 2. P4.3 is a write-strobe signal for chip-select purposes. The
address range depends on SFR P43AH, P43AL, P43CMP1 and
P43CMP0.
11: Mode 3. P4.3 is a read/write-strobe signal for chip-select purposes. The
address range depends on SFR P43AH, P43AL, P43CMP1, and
P43CMP0.
5, 4
P43CMP1
P43CMP0
Chip-select signal address comparison:
00: Compare the full 16-bit address with P43AH and P43AL.
01: Compare the 15 MSB of the 16-bit address with P43AH and P43AL.
10: Compare the 14 MSB of the 16-bit address with P43AH and P43AL.
11: Compare the 8 MSB of the 16-bit address with P43AH.
3, 2
P42FUN1
P42FUN0
P4.2 function control bits, similar to P43FUN1 and P43FUN0 above.
1, 0
P42CMP1
P42CMP0
P4.2 address-comparator length control bits, similar to P43CMP1 and
P43CMP0 above.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com