Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

BXMP1170 Datasheet(PDF) 1 Page - API Delevan

Part # BXMP1170
Description  Ultra High Linearity RF Amplifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  API [API Delevan]
Direct Link  http://www.delevan.com
Logo API - API Delevan

BXMP1170 Datasheet(HTML) 1 Page - API Delevan

  BXMP1170 Datasheet HTML 1Page - API Delevan BXMP1170 Datasheet HTML 2Page - API Delevan BXMP1170 Datasheet HTML 3Page - API Delevan  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
© API Technologies Corp. Proprietary Information
|
www.apitech.com
|
micro.apitech.com
|
+1.888.553.7531
|
MicrowaveSales@apitech.com
Page #
Rev Date:
Features
6/18/2014
1
Model BXMP1170 is a high linearity amplifier covering 300 kHz to 70 MHz. This design also offers exceptional
efficiency consuming only 350 mA while delivering 2 watts of output power. This standard design may also
be ordered in a screened MIL-STD-883 version (Model #SXMP1170.) All specification ratings are based on
measurements in a 50 Ω (ohm) system with a DC supply voltage tolerance of +/- 2%.
Ultra High Linearity RF Amplifier
Model # BXMP1170
Ultra High Linearity: +113 dBm
High Output Power: 2 watts
High Efficiency Design
Broad Bandwidth: 300 kHz to 70 MHz
Mechanical & Electrical
Parameter
Specification
Specification Temperatures (Min/Max)
0°C to +50°C
Housing Size
2.980” L x 3.905” W x .757” H
Housing Drawing
SMA Connectorized Housing
Maximum (No Damage) Ratings
Storage Temperature
-65°C to +125°C
Operating Temperature
-40°C to +85°C
DC Voltage @ 25°C
+25 volts
Input Drive @ 25°C (CW)
+20 dBm
Maximum Ratings
Technical Specifications
Parameter
Unit
Typical
Min/Max
Frequency Range
MHz
300 kHz to 70 MHz
300 kHz to 70 MHz
Gain
dB
16
15
Gain Flatness
dB
+/- 0.5
-
Noise Figure*
dB
6.0
7.0
Output Power @ 1
dB Compression
dBm
33
31
Output 3rd Order
Intercept **
dBm
57
55
Output 2nd Order
Intercept **
dBm
113
110
Reverse Isolation
dB
50
-
Input VSWR
---
1.5:1
2.0:1
Output VSWR
---
1.5:1
2.0:1
Supply Voltage
volts
+24
+24
Supply Current
mA
350
400
Typical values are measured at 25
°C,
but not guaranteed.
* Noise Figure measurements taken
and guaranteed only from10 MHz to
70 MHz.
** IP3 and IP2 measurements
acquired and guaranteed only at 15
MHz.
Frequency Range: 300 kHz to 70 MHz


Similar Part No. - BXMP1170

ManufacturerPart #DatasheetDescription
logo
API Delevan
BXMP1171 API-BXMP1171 Datasheet
282Kb / 3P
Ultra High Linearity RF Amplifier
BXMP1172 API-BXMP1172 Datasheet
292Kb / 3P
Ultra High Linearity RF Amplifier
BXMP1173 API-BXMP1173 Datasheet
205Kb / 3P
Ultra High Linearity RF Amplifier
More results

Similar Description - BXMP1170

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6430-15 LINER-LTC6430-15 Datasheet
1Mb / 28P
High Linearity Differential RF/IF Amplifier/ADC Driver
logo
API Delevan
BXMP1171 API-BXMP1171 Datasheet
282Kb / 3P
Ultra High Linearity RF Amplifier
BXMP1172 API-BXMP1172 Datasheet
292Kb / 3P
Ultra High Linearity RF Amplifier
BXMP1173 API-BXMP1173 Datasheet
205Kb / 3P
Ultra High Linearity RF Amplifier
logo
Linear Technology
LTC6430-15 LINER-LTC6430-15_15 Datasheet
1Mb / 28P
High Linearity Differential RF/IF Amplifier/ADC Driver
LTC6430-20 LINER-LTC6430-20_15 Datasheet
2Mb / 28P
High Linearity Differential RF/IF Amplifier/ADC Driver
logo
Infineon Technologies A...
BFQ790 INFINEON-BFQ790_17 Datasheet
491Kb / 23P
High Linearity RF Medium Power Amplifier
Revision 2.0 2017-02-16
logo
Renesas Technology Corp
F1471 RENESAS-F1471 Datasheet
1Mb / 23P
0.5W High Linearity RF Amplifier 400MHz to 4200MHz
F1475 RENESAS-F1475 Datasheet
118Kb / 3P
1W High Linearity RF Amplifier 3300MHz to 4200MHz
F1475 RENESAS-F1475_V01 Datasheet
309Kb / 2P
1W High Linearity RF Amplifier 1350MHz to 2800MHz
Nov 19, 2021
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com