Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

BXMP1173 Datasheet(PDF) 1 Page - API Delevan

Part # BXMP1173
Description  Ultra High Linearity RF Amplifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  API [API Delevan]
Direct Link  http://www.delevan.com
Logo API - API Delevan

BXMP1173 Datasheet(HTML) 1 Page - API Delevan

  BXMP1173 Datasheet HTML 1Page - API Delevan BXMP1173 Datasheet HTML 2Page - API Delevan BXMP1173 Datasheet HTML 3Page - API Delevan  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
© API Technologies Corp. Proprietary Information
|
www.apitech.com
|
micro.apitech.com
|
+1.888.553.7531
|
MicrowaveSales@apitech.com
Page #
Rev Date:
Features
8/13/2014
1
Model BXMP1173 is a high linearity amplifier covering 2 MHz to 30 MHz. This design also offers exceptional
efficiency consuming only 250 mA while delivering nearly 1 watt of output power. All specification ratings
are based on measurements in a 50 Ω (ohm) system with a DC supply voltage tolerance of +/- 2%.
Ultra High Linearity RF Amplifier
Model # BXMP1173
• Ultra High Linearity: +80 dBm
• High Output Power
• High Efficiency Design
• Broad Bandwidth 2 MHz to 30 MHz
Mechanical & Electrical
Parameter
Specification
Specification Temperatures (Min/Max)
-20°C to +85°C
Housing Size
2.17” L x 1.85” W x .500” H
Housing Drawing
SMA Connectorized Housing
Maximum (No Damage) Ratings
Storage Temperature
-65°C to +125°C
Operating Temperature
-40°C to +85°C
DC Voltage @ 25°C
+25 volts
Input Drive @ 25°C (CW)
+20 dBm
Maximum Ratings
Technical Specifications
Parameter
Unit
Typical
Min/Max
Frequency Range
MHz
2 MHz to 30 MHz
2 MHz to 30 MHz
Gain
dB
22
21 Min.
Gain Flatness
dB
+/- 1.0
-
Noise Figure*
dB
4.0
5.0 Max.
Output Power @ 1
dB Compression
dBm
29
27 Min.
Output 3rd Order
Intercept **
dBm
52
48 Min.
Output 2nd Order
Intercept **
dBm
80
65 Min.
Reverse Isolation
dB
30
-
Input VSWR
---
1.5:1
1.75:1 Max.
Output VSWR
---
1.5:1
1.75:1 Max.
Supply Voltage
volts
+24
+24
Supply Current
mA
250
300 Max.
Typical values are measured at 25
°C,
but not guaranteed.
* Noise Figure measurements taken
and guaranteed only from 10 MHz to
30 MHz.
** IP3 and IP2 measurements
acquired and guaranteed only at 15
MHz.
Frequency Range: 2 MHz to 30 MHz


Similar Part No. - BXMP1173

ManufacturerPart #DatasheetDescription
logo
API Delevan
BXMP1170 API-BXMP1170 Datasheet
293Kb / 3P
Ultra High Linearity RF Amplifier
BXMP1171 API-BXMP1171 Datasheet
282Kb / 3P
Ultra High Linearity RF Amplifier
BXMP1172 API-BXMP1172 Datasheet
292Kb / 3P
Ultra High Linearity RF Amplifier
More results

Similar Description - BXMP1173

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6430-15 LINER-LTC6430-15 Datasheet
1Mb / 28P
High Linearity Differential RF/IF Amplifier/ADC Driver
logo
API Delevan
BXMP1170 API-BXMP1170 Datasheet
293Kb / 3P
Ultra High Linearity RF Amplifier
BXMP1171 API-BXMP1171 Datasheet
282Kb / 3P
Ultra High Linearity RF Amplifier
BXMP1172 API-BXMP1172 Datasheet
292Kb / 3P
Ultra High Linearity RF Amplifier
logo
Linear Technology
LTC6430-15 LINER-LTC6430-15_15 Datasheet
1Mb / 28P
High Linearity Differential RF/IF Amplifier/ADC Driver
LTC6430-20 LINER-LTC6430-20_15 Datasheet
2Mb / 28P
High Linearity Differential RF/IF Amplifier/ADC Driver
logo
Infineon Technologies A...
BFQ790 INFINEON-BFQ790_17 Datasheet
491Kb / 23P
High Linearity RF Medium Power Amplifier
Revision 2.0 2017-02-16
logo
Renesas Technology Corp
F1471 RENESAS-F1471 Datasheet
1Mb / 23P
0.5W High Linearity RF Amplifier 400MHz to 4200MHz
F1475 RENESAS-F1475 Datasheet
118Kb / 3P
1W High Linearity RF Amplifier 3300MHz to 4200MHz
F1475 RENESAS-F1475_V01 Datasheet
309Kb / 2P
1W High Linearity RF Amplifier 1350MHz to 2800MHz
Nov 19, 2021
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com