Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AD8370 Datasheet(PDF) 21 Page - Analog Devices

Part # AD8370
Description  LF to 750 MHz, Digitally Controlled VGA
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8370 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD8370 Datasheet HTML 17Page - Analog Devices AD8370 Datasheet HTML 18Page - Analog Devices AD8370 Datasheet HTML 19Page - Analog Devices AD8370 Datasheet HTML 20Page - Analog Devices AD8370 Datasheet HTML 21Page - Analog Devices AD8370 Datasheet HTML 22Page - Analog Devices AD8370 Datasheet HTML 23Page - Analog Devices AD8370 Datasheet HTML 24Page - Analog Devices AD8370 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
Data Sheet
AD8370
Rev. B | Page 21 of 28
AD8370
6
7
8
2
3
5
1
11
10
9
15
14
16
13
12
4
SERIAL CONTROL INTERFACE
FROM 75
Ω
Tx-LINE
0.1
µF
1nF
0.1
µF
+VS
27pF
68nH
180nH
220nH
39pF
27pF
1.5k
Ω
68nH
180nH
220nH
25
Ω
25
Ω
CAC
CAC
100nF
100nF
CAC
100nF
CAC
100nF
RS 120Ω
VINB
AD9430
VINA
Figure 58. ADC Interface Example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com