Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UPC1663G-E1 Datasheet(PDF) 12 Page - NEC

Part # UPC1663G-E1
Description  DC to VHF WIDEBAND DIFFERENTIAL INPUT AND OUTPUT AMPLIFIER IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC1663G-E1 Datasheet(HTML) 12 Page - NEC

Back Button UPC1663G-E1 Datasheet HTML 8Page - NEC UPC1663G-E1 Datasheet HTML 9Page - NEC UPC1663G-E1 Datasheet HTML 10Page - NEC UPC1663G-E1 Datasheet HTML 11Page - NEC UPC1663G-E1 Datasheet HTML 12Page - NEC UPC1663G-E1 Datasheet HTML 13Page - NEC UPC1663G-E1 Datasheet HTML 14Page - NEC UPC1663G-E1 Datasheet HTML 15Page - NEC UPC1663G-E1 Datasheet HTML 16Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
Data Sheet G11024EJ6V0DS00
12
µµµµPC1663
RECOMMENDED SOLDERING CONDITIONS
This product should be soldered under the following recommended conditions.
For soldering methods and
conditions other than those recommended below, contact your NEC sales representative.
Soldering Method
Soldering Conditions
Recommended Condition Symbol
Infrared Reflow
Package peak temperature: 235 °C or below
Time: 30 seconds or less (at 210 °C)
Count: 3, Exposure limit: None
Note
IR35-00-3
VPS
Package peak temperature: 215 °C or below
Time: 40 seconds or less (at 200 °C)
Count: 3, Exposure limit: None
Note
VP15-00-3
Wave Soldering
Soldering bath temperature: 260 °C or below
Time: 10 seconds or less
Count: 1, Exposure limit: None
Note
WS60-00-1
Partial Heating
Pin temperature: 300 °C
Time: 3 seconds or less (per side of device)
Exposure limit: None
Note
—
Note After opening the dry pack, keep it in a place below 25
°C and 65 % RH for the allowable storage period.
Caution
Do not use different soldering methods together (except for partial heating).
For details of recommended soldering conditions for surface mounting, refer to information document
SEMICONDUCTOR DEVICE MOUNTING TECHNOLOGY MANUAL (C10535E)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com