Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

HFA3724 Datasheet(PDF) 21 Page - Intersil Corporation

Part # HFA3724
Description  400MHz Quadrature IF Modulator/Demodulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HFA3724 Datasheet(HTML) 21 Page - Intersil Corporation

Back Button HFA3724 Datasheet HTML 16Page - Intersil Corporation HFA3724 Datasheet HTML 17Page - Intersil Corporation HFA3724 Datasheet HTML 18Page - Intersil Corporation HFA3724 Datasheet HTML 19Page - Intersil Corporation HFA3724 Datasheet HTML 20Page - Intersil Corporation HFA3724 Datasheet HTML 21Page - Intersil Corporation HFA3724 Datasheet HTML 22Page - Intersil Corporation HFA3724 Datasheet HTML 23Page - Intersil Corporation HFA3724 Datasheet HTML 24Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
21
AC Electrical Specifications, I/Q Up Converter and LO Individual Performance Full Supply Range, TA = 25oC
PARAMETER
SYMBOL
(NOTE 29)
TEST LEVEL
MIN
TYP
MAX
UNITS
2XLO Input Frequency Range (2 X Input Range)
LOinf
B
20
-
800
MHz
2XLO Input Current Range
LOinz
C
50
200
300
µARMS
2XLO Input Impedance
LOz
C
-
130
-
Ω
Buffered LO Output Voltage, Single Ended
BLOout
A
80
100
-
mVP-P
Buffered LO Output Impedance
BLOoutZ
C
-
50
-
Ω
Quadrature IF Modulator Output Frequency Range
QMLOf
B
10
-
400
MHz
IF Modulator I/Q Input Frequency Range
QMIQf
C
-
-
30
MHz
IF Modulator Differential I/Q Max Input Voltage
QMdi
C
-
2.25
-
VP-P
IF Modulator Differential I/Q Input Impedance
QMIQdz
C
-
4
-
k
Ω
IF Modulator Differential Input Capacitance
Mcin
C
-
0.5
-
pF
IF Modulator I/Q Amplitude Balance
QMIQac
A
-0.5
-
0.5
dB
IF Modulator I/Q Phase Balance at 200MHz
QMIQpac
A
-2
-
2
Degrees
IF Modulator I/Q Phase Balance at 400MHz
QMIQp1
B
-4
-
4
Degrees
IF Modulator Output at SSB Into 50
Ω, I and Q, 500mVP-P
QMIFo
A
-22
-
-10.0
dBm
IF Modulator Carrier Suppression (LO Buffer Enabled)
QMCs
A
28
30
-
dBc
IF Modulator Carrier Suppression (LO Buffer Disabled)
QMCs1
A
28
36
-
dBc
IF Modulator SSB Sideband Suppression at 200MHz
QMSSBs
A
28
-
-
dBc
IF Modulator SSB Sideband Suppression at 400MHz
QMSSBs
B
26
-
-
dBc
IF Output Level Compression Point
QMIFP1
C
-
1.0
-
VP-P
IF Modulator Intermodulation Suppression
QMIMsup
B
26
-
-
dBc
NOTE:
29. A = Production Tested, B = Based on Characterization, C = By Design
TABLE 4. QUADRATURE MODULATOR S22 PARAMETER
FREQUENCY
S22
50MHz
0.99
-2.8o
100MHz
0.98
-6.5o
200MHz
0.96
-12.3o
300MHz
0.87
-25.1o
400MHz
0.82
-30.8o
AC Electrical Specifications, TX Buffer Individual Performance Full Supply Range, TA = 25oC
PARAMETER
SYMBOL
(NOTE 30)
TEST LEVEL
MIN
TYP
MAX
UNITS
TX LPF Buffer Serial Data Rate
TXBrat
A
-
11
22
MBPS
TX LPF Buffer Digital Input Impedance
LPFDz
C
10
12.5
-
k
Ω
NOTE:
30. A = Production Tested, B = Based on Characterization, C = By Design
HFA3724



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com