Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AK627-10-R Datasheet(PDF) 1 Page - Assmann Electronics Inc.

Part # AK627-10-R
Description  HDMI CABLE, A/MALE TO A/MALE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASSMANN [Assmann Electronics Inc.]
Direct Link  http://www.assmann.us
Logo ASSMANN - Assmann Electronics Inc.

AK627-10-R Datasheet(HTML) 1 Page - Assmann Electronics Inc.

  AK627-10-R Datasheet HTML 1Page - Assmann Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - AK627-10-R

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
AK627-1-R ASSMANN-AK627-1-R Datasheet
192Kb / 1P
HDMI(M), 1 Meter 1.2 Type
More results

Similar Description - AK627-10-R

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
692901100000 WURTH-692901100000 Datasheet
390Kb / 2P
CABLE ASSEMBLY USB 3.0 TYPE A MALE TO TYPE A MALE
logo
Assmann Electronics Inc...
AK6702-1-R ASSMANN-AK6702-1-R Datasheet
97Kb / 1P
USB Cable A to A, Version 1.1 2.0 USB A Male to A Male
AB557-R ASSMANN-AB557-R Datasheet
48Kb / 1P
HDMI A - DVI-D Adapter HDMI 19pin A Male DVI-D(24 1) Male
A-USB-5-R ASSMANN-A-USB-5-R Datasheet
90Kb / 1P
USB Adapter, A Male to A Male
logo
Molex Electronics Ltd.
0687670199 MOLEX1-0687670199 Datasheet
39Kb / 1P
HDMI A Male-to-HDMI A Male Cable Assembly, Version 1.4 with Ethernet, 1.0m Length, Black
0687670200 MOLEX1-0687670200 Datasheet
39Kb / 1P
HDMI A Male-to-HDMI A Male Cable Assembly, Version 1.4 with Ethernet, 2.0m Length, Black
0687670201 MOLEX1-0687670201 Datasheet
39Kb / 1P
HDMI A Male-to-HDMI A Male Cable Assembly, Version 1.4 with Ethernet, 3.0m Length, Black
0687670199 MOLEX10-0687670199_V01 Datasheet
40Kb / 1P
HDMI A Male-to-HDMI A Male Cable Assembly, Version 1.4 with Ethernet, 1.0m Length, Black
0687670200 MOLEX10-0687670200_V01 Datasheet
40Kb / 1P
HDMI A Male-to-HDMI A Male Cable Assembly, Version 1.4 with Ethernet, 2.0m Length, Black
0687670201 MOLEX10-0687670201_V01 Datasheet
40Kb / 1P
HDMI A Male-to-HDMI A Male Cable Assembly, Version 1.4 with Ethernet, 3.0m Length, Black
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com