Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ADCMP567 Datasheet(PDF) 1 Page - Analog Devices

Part # ADCMP567
Description  Dual Ultrafast Voltage Comparator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP567 Datasheet(HTML) 1 Page - Analog Devices

  ADCMP567_15 Datasheet HTML 1Page - Analog Devices ADCMP567_15 Datasheet HTML 2Page - Analog Devices ADCMP567_15 Datasheet HTML 3Page - Analog Devices ADCMP567_15 Datasheet HTML 4Page - Analog Devices ADCMP567_15 Datasheet HTML 5Page - Analog Devices ADCMP567_15 Datasheet HTML 6Page - Analog Devices ADCMP567_15 Datasheet HTML 7Page - Analog Devices ADCMP567_15 Datasheet HTML 8Page - Analog Devices ADCMP567_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Dual Ultrafast
Voltage Comparator
ADCMP567
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2003 Analog Devices, Inc. All rights reserved.
FEATURES
250 ps propagation delay input to output
50 ps propagation delay dispersion
Differential PECL compatible outputs
Differential latch control
Robust input protection
Input common-mode range −2.0 V to +3.0 V
Input differential range ±5 V
ESD protection >3 kV HBM, >200 V MM
Power supply sensitivity >65 dB
200 ps minimum pulsewidth
5 GHz equivalent input rise time bandwidth
Typical output rise/fall of 165 ps
APPLICATIONS
High speed instrumentation
Scope and logic analyzer front ends
Window comparators
High speed line receivers and signal restoration
Threshold detection
Peak detection
High speed triggers
Patient diagnostics
Disk drive read channel detection
Hand-held test instruments
Zero-crossing detectors
Clock drivers
Automatic test equipment
FUNCTIONAL BLOCK DIAGRAM
03632-0-001
NONINVERTING
INPUT
INVERTING
INPUT
LATCH ENABLE
INPUT
Q OUTPUT
Q OUTPUT
LATCH ENABLE
INPUT
ADCMP567
Figure 1.
GENERAL DESCRIPTION
The ADCMP567 is an ultrafast voltage comparator fabricated
on Analog Devices’ proprietary XFCB process. The device
features 250 ps propagation delay with less than 35 ps overdrive
dispersion. Overdrive dispersion, a particularly important
characteristic of high speed comparators, is a measure of the
difference in propagation delay under differing overdrive
conditions.
A fast, high precision differential input stage permits consis-
tent propagation delay with a wide variety of signals in the
common-mode range from −2.0 V to +3.0 V. Outputs are
complementary digital signals fully compatible with PECL 10 K
and 10 KH logic families. The outputs provide sufficient drive
current to directly drive transmission lines terminated in 50 Ω
to VDD − 2 V. A latch input is included, which permits tracking,
track-and-hold, or sample-and-hold modes of operation.
The ADCMP567 is available in a 32-lead LFCSP package.


Similar Part No. - ADCMP567_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADCMP567BCP AD-ADCMP567BCP Datasheet
362Kb / 17P
Dual Ultrafast Voltage Comparator
More results

Similar Description - ADCMP567_15

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SPT9689 FAIRCHILD-SPT9689 Datasheet
75Kb / 8P
DUAL ULTRAFAST VOLTAGE COMPARATOR
logo
List of Unclassifed Man...
SPT9687 ETC-SPT9687 Datasheet
111Kb / 8P
DUAL ULTRAFAST VOLTAGE COMPARATOR
logo
Analog Devices
ADCMP567 AD-ADCMP567 Datasheet
362Kb / 17P
Dual Ultrafast Voltage Comparator
ADCMP566 AD-ADCMP566 Datasheet
207Kb / 16P
Dual Ultrafast Voltage Comparator
10/03-Revision 0
ADCMP565 AD-ADCMP565 Datasheet
202Kb / 16P
Dual Ultrafast Voltage Comparator
logo
Cadeka Microcircuits LL...
SPT9687 CADEKA-SPT9687 Datasheet
196Kb / 8P
DUAL ULTRAFAST VOLTAGE COMPARATOR
SPT9689 CADEKA-SPT9689 Datasheet
164Kb / 8P
DUAL ULTRAFAST VOLTAGE COMPARATOR
logo
Analog Devices
ADCMP565BPZ AD-ADCMP565BPZ Datasheet
219Kb / 16P
Dual Ultrafast Voltage Comparator
REV. 0
ADCMP565 AD-ADCMP565_15 Datasheet
208Kb / 16P
Dual Ultrafast Voltage Comparator
REV. 0
ADCMP566 AD-ADCMP566_15 Datasheet
213Kb / 16P
Dual Ultrafast Voltage Comparator
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com