Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ADCMP573 Datasheet(PDF) 7 Page - Analog Devices

Part # ADCMP573
Description  Ultrafast 3.3 V/5 V Single-Supply SiGe Comparators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP573 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADCMP573_15 Datasheet HTML 3Page - Analog Devices ADCMP573_15 Datasheet HTML 4Page - Analog Devices ADCMP573_15 Datasheet HTML 5Page - Analog Devices ADCMP573_15 Datasheet HTML 6Page - Analog Devices ADCMP573_15 Datasheet HTML 7Page - Analog Devices ADCMP573_15 Datasheet HTML 8Page - Analog Devices ADCMP573_15 Datasheet HTML 9Page - Analog Devices ADCMP573_15 Datasheet HTML 10Page - Analog Devices ADCMP573_15 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
ADCMP572/ADCMP573
Rev. A | Page 7 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
VCCI = VCCO = 3.3 V, TA = 25°C, unless otherwise noted.
5
10
15
20
36.0
36.5
37.0
37.5
38.0
38.5
39.0
20
0
–40
–20
–60
40
60
80
100
TEMPERATURE (°C)
0
0
50
100
150
200
250
INPUT OVERDRIVE VOLTAGE (mV)
Figure 3. Propagation Delay vs. Input Overdrive
155.5
0.4
0.6
0
0.2
0.8
1.0
1.2
INPUT COMMON-MODE VOLTAGE (V)
156.0
156.5
157.0
157.5
158.0
158.5
Figure 4. Propagation Delay vs. Input Common-Mode
146
20
0
–40
–20
–60
40
60
80
100
TEMPERATURE (°C)
148
150
152
154
156
158
160
Figure 5. Propagation Delay vs. Temperature
Figure 6. Rise/Fall Time vs. Temperature
0
10
20
30
40
50
60
23
0
1
456
RHYS (kΩ)
Figure 7. Hysteresis vs. RHYS Control Resistor
RHYS SINK CURRENT (μA)
80
70
40
30
50
60
20
10
0
–600
–500
–400
–300
–200
–100
0
Figure 8. Hysteresis vs. RHYS Sink Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com