Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ADCMP600BKJZ Datasheet(PDF) 1 Page - Analog Devices

Part # ADCMP600BKJZ
Description  Rail-to-Rail, Very Fast, 2.5 V to 5.5 V,
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP600BKJZ Datasheet(HTML) 1 Page - Analog Devices

  ADCMP600BKJZ Datasheet HTML 1Page - Analog Devices ADCMP600BKJZ Datasheet HTML 2Page - Analog Devices ADCMP600BKJZ Datasheet HTML 3Page - Analog Devices ADCMP600BKJZ Datasheet HTML 4Page - Analog Devices ADCMP600BKJZ Datasheet HTML 5Page - Analog Devices ADCMP600BKJZ Datasheet HTML 6Page - Analog Devices ADCMP600BKJZ Datasheet HTML 7Page - Analog Devices ADCMP600BKJZ Datasheet HTML 8Page - Analog Devices ADCMP600BKJZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Rail-to-Rail, Very Fast, 2.5 V to 5.5 V,
Single-Supply TTL/CMOS Comparators
ADCMP600/ADCMP601/ADCMP602
FEATURES
Fully specified rail to rail at V
CC = 2.5 V to 5.5 V
Input common-mode voltage from −0.2 V to V
CC + 0.2 V
Low glitch CMOS-/TTL-compatible output stage
3.5 ns propagation delay
10 mW at 3.3 V
Shutdown pin
Single-pin control for programmable hysteresis and latch
Power supply rejection > 50 dB
Improved replacement for MAX999
−40°C to +125°C operation
APPLICATIONS
High speed instrumentation
Clock and data signal restoration
Logic level shifting or translation
Pulse spectroscopy
High speed line receivers
Threshold detection
Peak and zero-crossing detectors
High speed trigger circuitry
Pulse-width modulators
Current/voltage-controlled oscillators
Automatic test equipment (ATE)
FUNCTIONAL BLOCK DIAGRAM
NONINVERTING
INPUT
INVERTING
INPUT
LE/HYS
(EXCEPT ADCMP600)
Q OUTPUT
SDN
(ADCMP602 ONLY)
ADCMP600/
ADCMP601/
ADCMP602
Figure 1.
GENERAL DESCRIPTION
The ADCMP600, ADCMP601, and ADCMP602 are very fast
comparators fabricated on XFCB2, an Analog Devices, Inc.
proprietary process. These comparators are exceptionally
versatile and easy to use. Features include an input range from
GND − 0.5 V to VCC + 0.2 V, low noise, TTL-/CMOS-compatible
output drivers, and latch inputs with adjustable hysteresis
and/or shutdown inputs.
The device offers 5 ns propagation delay with 10 mV overdrive
on 3 mA typical supply current.
A flexible power supply scheme allows the devices to operate
with a single +2.5 V positive supply and a −0.5 V to +2.8 V
input signal range up to a +5.5 V positive supply with a −0.5 V
to +5.8 V input signal range. Split input/output supplies with no
sequencing restrictions on the ADCMP602 support a wide
input signal range while still allowing independent output
swing control and power savings.
The TTL-/CMOS-compatible output stage is designed to drive
up to 5 pF with full timing specs and to degrade in a graceful
and linear fashion as additional capacitance is added. The
comparator input stage offers robust protection against large
input overdrive, and the outputs do not phase reverse when the
valid input signal range is exceeded. Latch and programmable
hysteresis features are also provided with a unique single-pin
control option.
The ADCMP600 is available in 5-lead SC70 and SOT-23
packages, the ADCMP601 is available in a 6-lead SC70 package,
and the ADCMP602 is available in an 8-lead MSOP package.
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2006–2011 Analog Devices, Inc. All rights reserved.


Similar Part No. - ADCMP600BKJZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADCMP600BKJZ AD-ADCMP600BKJZ Datasheet
322Kb / 16P
Rail-to-Rail, Very Fast, 2.5 V to 5.5 V, Single-Supply TTL/CMOS Comparators
10/06-Revision 0
ADCMP600BKJZ AD-ADCMP600BKJZ Datasheet
291Kb / 16P
Rail-to-Rail, Very Fast, 2.5 V to 5.5 V
REV. A
More results

Similar Description - ADCMP600BKJZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADCMP604 AD-ADCMP604 Datasheet
362Kb / 16P
Rail-to-Rail, Very Fast, 2.5 V to 5.5 V, Single-Supply LVDS Comparators
10/06-Revision 0
ADCMP606 AD-ADCMP606 Datasheet
301Kb / 16P
Rail-to-Rail, Very Fast, 2.5 V to 5.5 V, Single-Supply CML Comparators
Mar-2006
ADCMP600 AD-ADCMP600_11 Datasheet
291Kb / 16P
Rail-to-Rail, Very Fast, 2.5 V to 5.5 V
REV. A
ADCMP602 AD-ADCMP602_15 Datasheet
291Kb / 16P
Rail-to-Rail, Very Fast, 2.5 V to 5.5 V
REV. A
ADCMP601 AD-ADCMP601_15 Datasheet
291Kb / 16P
Rail-to-Rail, Very Fast, 2.5 V to 5.5 V
REV. A
ADCMP603 AD-ADCMP603_15 Datasheet
364Kb / 16P
Rail-to-Rail, Very Fast, 2.5 V to 5.5 V
REV. 0
ADCMP604 AD-ADCMP604_15 Datasheet
301Kb / 14P
Rail-to-Rail, Very Fast, 2.5 V to 5.5 V
REV. B
ADCMP605 AD-ADCMP605_15 Datasheet
301Kb / 14P
Rail-to-Rail, Very Fast, 2.5 V to 5.5 V
REV. B
ADCMP606 AD-ADCMP606_15 Datasheet
371Kb / 14P
Rail-to-Rail, Very Fast, 2.5 V to 5.5 V
REV. B
ADCMP607 AD-ADCMP607_15 Datasheet
371Kb / 14P
Rail-to-Rail, Very Fast, 2.5 V to 5.5 V
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com