Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ADE7758 Datasheet(PDF) 1 Page - Analog Devices

Part # ADE7758
Description  Poly Phase Multifunction Energy Metering IC with Per Phase Information
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7758 Datasheet(HTML) 1 Page - Analog Devices

  ADE7758_15 Datasheet HTML 1Page - Analog Devices ADE7758_15 Datasheet HTML 2Page - Analog Devices ADE7758_15 Datasheet HTML 3Page - Analog Devices ADE7758_15 Datasheet HTML 4Page - Analog Devices ADE7758_15 Datasheet HTML 5Page - Analog Devices ADE7758_15 Datasheet HTML 6Page - Analog Devices ADE7758_15 Datasheet HTML 7Page - Analog Devices ADE7758_15 Datasheet HTML 8Page - Analog Devices ADE7758_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 72 page
background image
Poly Phase Multifunction Energy Metering
IC with Per Phase Information
Data Sheet
ADE7758
Rev. E
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2004–2011 Analog Devices, Inc. All rights reserved.
FEATURES
Highly accurate; supports IEC 60687, IEC 61036, IEC 61268,
IEC 62053-21, IEC 62053-22, and IEC 62053-23
Compatible with 3-phase/3-wire, 3-phase/4-wire, and other
3-phase services
Less than 0.1% active energy error over a dynamic range of
1000 to 1 at 25°C
Supplies active/reactive/apparent energy, voltage rms,
current rms, and sampled waveform data
Two pulse outputs, one for active power and the other
selectable between reactive and apparent power with
programmable frequency
Digital power, phase, and rms offset calibration
On-chip, user-programmable thresholds for line voltage SAG
and overvoltage detections
An on-chip, digital integrator enables direct interface-to-
current sensors with di/dt output
A PGA in the current channel allows direct interface to
current transformers
An SPI®-compatible serial interface with IRQ
Proprietary ADCs and DSP provide high accuracy over large
variations in environmental conditions and time
Reference 2.4 V (drift 30 ppm/°C typical) with external
overdrive capability
Single 5 V supply, low power (70 mW typical)
GENERAL DESCRIPTION
The ADE7758 is a high accuracy, 3-phase electrical energy
measurement IC with a serial interface and two pulse outputs.
The ADE7758 incorporates second-order Σ-Δ ADCs, a digital
integrator, reference circuitry, a temperature sensor, and all the
signal processing required to perform active, reactive, and
apparent energy measurement and rms calculations.
The ADE7758 is suitable to measure active, reactive, and
apparent energy in various 3-phase configurations, such as
WYE or DELTA services, with both three and four wires. The
ADE7758 provides system calibration features for each phase,
that is, rms offset correction, phase calibration, and power
calibration. The APCF logic output gives active power
information, and the VARCF logic output provides instantaneous
reactive or apparent power information.
FUNCTIONAL BLOCK DIAGRAM
PHASE B
AND
PHASE C
DATA
4
AVDD
POWER
SUPPLY
MONITOR
12
REFIN/OUT
11
AGND
ADC
+
9
ICP
10
ICN
PGA1
ADC
+
14
VCP
13
VN
PGA2
ACTIVE/REACTIVE/AP PARENT ENERGIES
AND VOLTAGE/CURRENT RMS CALCUL ATION
FOR PHASE C
(SEE PHASE A FOR DETAILED SIGNAL PATH)
ADC
+
7
IBP
8
IBN
PGA1
ADC
+
15
VBP
PGA2
ACTIVE/REACTIVE/AP PARENT ENERGIES
AND VOLTAGE/CURRENT RMS CALCUL ATION
FOR PHASE B
(SEE PHASE A FOR DETAILED SIGNAL PATH)
ADC
+
5
IAP
6
IAN
PGA1
ADC
+
16
VAP
PGA2
AVRMSGAIN[11:0]
AVAG[11:0]
|X|
APHCAL[6:0]
Φ
HPF
INTEGRATOR
dt
AVAROS[11:0]
AVARG[11:0]
LPF2
90° PHASE
SHIFTING FILTER
π
2
AWATTOS[11:0]
AWG[11:0]
LPF2
22
DIN
24
DOUT
23
SCLK
21
CS
18
IRQ
ADE7758 REGISTERS AND
SERIAL INTERFACE
WDIV[7:0]
%
VARDIV[7:0]
%
VADIV[7:0]
%
AIRMSOS[11:0]
X2
LPF
2.4V
REF
4kΩ
DFC
÷
APCFNUM[11:0]
APCFDEN[ 11:0]
ACTIVE POWER
1
APCF
3
DVDD
2
DGND
19
CLKIN
20
CLKOUT
DFC
VARCFNUM[11:0]
VARCFDEN[ 11:0]
REACTIVE OR
APPARENT POWER
17
VARCF
ADE7758
AVRMSOS[11:0]
÷
Figure 1.


Similar Part No. - ADE7758_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADE7758ARW AD-ADE7758ARW Datasheet
1Mb / 68P
Poly Phase Multifunction Energy Metering IC with Per Phase Information
9/04-Changed from Rev. 0 to Rev. A
ADE7758ARWRL AD-ADE7758ARWRL Datasheet
1Mb / 68P
Poly Phase Multifunction Energy Metering IC with Per Phase Information
9/04-Changed from Rev. 0 to Rev. A
ADE7758ARWZ AD-ADE7758ARWZ Datasheet
1Mb / 68P
Poly Phase Multifunction Energy Metering IC with Per Phase Information
9/04-Changed from Rev. 0 to Rev. A
ADE7758ARWZRL AD-ADE7758ARWZRL Datasheet
1Mb / 68P
Poly Phase Multifunction Energy Metering IC with Per Phase Information
9/04-Changed from Rev. 0 to Rev. A
More results

Similar Description - ADE7758_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADE7758 AD-ADE7758 Datasheet
1Mb / 68P
Poly Phase Multifunction Energy Metering IC with Per Phase Information
9/04-Changed from Rev. 0 to Rev. A
ADE7754 AD-ADE7754 Datasheet
630Kb / 44P
Poly-phase Multi-Function Energy Metering IC with Serial Port
ADE7858 AD-ADE7858 Datasheet
1Mb / 76P
Poly Phase Multifunction Energy Metering IC with per Phase Active and Reactive Powers
Rev. PrA
ADE7878 AD-ADE7878 Datasheet
1Mb / 92P
Polyphase Multifunction Energy Metering IC with per Phase Active and Reactive Powers
REV. 0
logo
Integrated Device Techn...
90E32 IDT-90E32 Datasheet
877Kb / 71P
Poly-Phase High-Performance Wide-Span Energy Metering IC
90E36 IDT-90E36 Datasheet
1,005Kb / 79P
Poly-Phase High-Performance Wide-Span Energy Metering IC
logo
Sames
SA9903B SAMES-SA9903B_17 Datasheet
530Kb / 17P
Single Phase Multifunction Energy Metering IC
SA9904B SAMES-SA9904B_17 Datasheet
552Kb / 18P
Three Phase Multifunction Energy Metering IC
logo
ATMEL Corporation
M90E36A ATMEL-M90E36A Datasheet
998Kb / 87P
Enhanced Poly-Phase High-Performance Wide-Span Energy Metering IC
ATM90E32AS ATMEL-ATM90E32AS Datasheet
789Kb / 84P
Enhanced Poly-Phase High-Performance Wide-Span Energy Metering IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com