Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

HIP6020 Datasheet(PDF) 13 Page - Intersil Corporation

Part # HIP6020
Description  Advanced Dual PWM and Dual Linear Power Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP6020 Datasheet(HTML) 13 Page - Intersil Corporation

Back Button HIP6020 Datasheet HTML 7Page - Intersil Corporation HIP6020 Datasheet HTML 8Page - Intersil Corporation HIP6020 Datasheet HTML 9Page - Intersil Corporation HIP6020 Datasheet HTML 10Page - Intersil Corporation HIP6020 Datasheet HTML 11Page - Intersil Corporation HIP6020 Datasheet HTML 12Page - Intersil Corporation HIP6020 Datasheet HTML 13Page - Intersil Corporation HIP6020 Datasheet HTML 14Page - Intersil Corporation HIP6020 Datasheet HTML 15Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
2-293
The response time to a transient is different for the
application of load and the removal of load. The following
equations give the approximate response time interval for
application and removal of a transient load:
where: ITRAN is the transient load current step, tRISE is the
response time to the application of load, and tFALL is the
response time to the removal of load. Be sure to check both
of these equations at the minimum and maximum output
levels for the worst case response time.
Input Capacitor Selection
The important parameters for the bulk input capacitor are the
voltage rating and the RMS current rating. For reliable
operation, select bulk input capacitors with voltage and
current ratings above the maximum input voltage and largest
RMS current required by the circuit. The capacitor voltage
rating should be at least 1.25 times greater than the
maximum input voltage. The RMS current rating requirement
for the input capacitors of a buck regulator is approximately
1/2 of the summation of the DC output load current.
Use a mix of input bypass capacitors to control the voltage
overshoot across the MOSFETs. Use ceramic capacitance
for the high frequency decoupling and bulk capacitors to
supply the RMS current. Small ceramic capacitors can be
placed very close to the upper MOSFET to suppress the
voltage induced in the parasitic circuit impedances.
For a through-hole design, several electrolytic capacitors
(Panasonic HFQ series or Nichicon PL series or Sanyo
MV-GX or equivalent) may be needed. For surface mount
designs, solid tantalum capacitors can be used, but caution
must be exercised with regard to the capacitor surge current
rating. These capacitors must be capable of handling the
surge current at power-up. The TPS series available from
AVX, and the 593D series from Sprague are both surge
current tested.
MOSFET Selection/Considerations
The HIP6020 requires 5 external transistors. Three
N-channel MOSFETs are employed by the PWM converters.
The GTL and memory linear controllers can each drive a
MOSFET or a NPN bipolar as a pass transistor. All these
transistors should be selected based upon rDS(ON), current
gain, saturation voltages, gate supply requirements, and
thermal management considerations.
PWM1 MOSFET Selection and Considerations
In high-current PWM applications, the MOSFET power
dissipation, package selection and heatsink are the dominant
design factors. The power dissipation includes two loss
components; conduction loss and switching loss. These losses
are distributed between the upper and lower MOSFETs
according to the duty factor. The conduction losses are the
main component of power dissipation for the lower MOSFETs.
Only the upper MOSFET has significant switching losses, since
the lower device turns on and off into near zero voltage.
The equations presented assume linear voltage-current
transitions and do not model power loss due to the reverse
recovery of the lower MOSFET’s body diode. The gate
charge losses are dissipated by the HIP6020 and don't heat
the MOSFETs. However, large gate-charge increases the
switching time, tSW, which increases the upper MOSFET
switching losses. Ensure that both MOSFETs are within their
maximum junction temperature at high ambient temperature
by calculating the temperature rise according to package
thermal resistance specifications. A separate heatsink may
be necessary depending upon MOSFET power, package
type, ambient temperature and air flow.
The rDS(ON) is different for the two equations above even if
the same device is used for both. This is because the gate
drive applied to the upper MOSFET is different than the
lower MOSFET. Figure 13 shows the gate drive where the
upper MOSFET’s gate-to-source voltage is approximately
VCC less the input supply. For +5V main power and +12VDC
for the bias, the gate-to-source voltage of Q1 is 7V. The lower
gate drive voltage is +12VDC. A logic-level MOSFET is a
good choice for Q1 and a logic-level MOSFET can be used for
Q2 if its absolute gate-to-source voltage rating exceeds the
maximum voltage applied to VCC.
Rectifier CR1 is a clamp that catches the negative inductor
swing during the dead time between the turn off of the lower
MOSFET and the turn on of the upper MOSFET. The diode
must be a Schottky type to prevent the lossy parasitic
MOSFET body diode from conducting. It is acceptable to omit
the diode and let the body diode of the lower MOSFET clamp
the negative inductor swing, but efficiency could drop, in some
t
RISE
L
O
I
TRAN
×
V
IN
V
OUT
–
--------------------------------
=
t
FALL
L
O
I
TRAN
×
V
OUT
-------------------------------
=
P
UPPER
I
O
2
r
DS ON
()
×
V
OUT
×
V
IN
------------------------------------------------------------
I
O
V
IN
×
t
SW
×
F
S
×
2
----------------------------------------------------
+
=
P
LOWER
I
O
2
r
DS ON
()
×
V
IN
V
OUT
–
()
×
V
IN
---------------------------------------------------------------------------------
=
FIGURE 10. UPPER GATE DRIVE - DIRECT VCC DRIVE
+12V
PGND
HIP6020
GND
LGATE
UGATE
PHASE
VCC
+5V OR LESS
NOTE:
NOTE:
VGS ≈ VCC
Q1
Q2
+
-
VGS ≈ VCC -5V
CR1
HIP6020



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com