Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

HSP45256 Datasheet(PDF) 21 Page - Intersil Corporation

Part # HSP45256
Description  Binary Correlator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HSP45256 Datasheet(HTML) 21 Page - Intersil Corporation

Back Button HSP45256 Datasheet HTML 15Page - Intersil Corporation HSP45256 Datasheet HTML 16Page - Intersil Corporation HSP45256 Datasheet HTML 17Page - Intersil Corporation HSP45256 Datasheet HTML 18Page - Intersil Corporation HSP45256 Datasheet HTML 19Page - Intersil Corporation HSP45256 Datasheet HTML 20Page - Intersil Corporation HSP45256 Datasheet HTML 21Page - Intersil Corporation HSP45256 Datasheet HTML 22Page - Intersil Corporation HSP45256 Datasheet HTML 23Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
21
Absolute Maximum Ratings
Thermal Information
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +8.0V
Input, Output or I/O Voltage . . . . . . . . . . . . GND -0.5V to VCC +0.5V
ESD Classification . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Class 1
Operating Conditions
Voltage Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . +4.75V to +5.25V
Temperature Range
Commercial . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0oC to 70oC
Industrial. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40oC to 85oC
Thermal Resistance (Typical, Note 1)
θJA (oC/W) θJC (oC/W)
PLCC Package . . . . . . . . . . . . . . . . . . .
34
-
PGA Package . . . . . . . . . . . . . . . . . . . .
36
10
Maximum Package Power Dissipation
Commercial PGA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .2.9W
Commercial PLCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .2.3W
Industrial PLCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .1.9W
Maximum Storage Temperature Range . . . . . . . . . . -65oC to 150oC
Maximum Junction Temperature
PLCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .150oC
PGA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .175oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . .300oC
Gate Count . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13,000 Gates
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operationofthe
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1.
θJA is measured with the component mounted on an evaluation PC board in free air.
DC Electrical Specifications
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
Logical One Input Voltage
VIH
VCC = 5.25V
2.0
-
V
Logical Zero Input Voltage
VIL
VCC = 4.75V
-
0.8
V
High Level Clock Input
VIHC
VCC = 5.25V
3.0
-
V
Low Level Clock Input
VILC
VCC = 4.75V
-
0.8
V
Output High Voltage
VOH
IOH = 400µA, VCC = 4.75V
2.6
-
V
Output Low Voltage
VOL
IOL = +2.0mA, VCC = 4.75V
-
0.4
V
Input Leakage Current
II
VIN = VCC or GND, VCC = 5.25V
-10
10
µA
Output Leakage Current
IO
VOUT = VCC or GND, VCC = 5.25V
-10
10
µA
Standby Power Supply Current
ICCSB
VIN = VCC or GND, VCC = 5.25V
-
500
µA
Operating Power Supply Current
ICCOP
f = 25.6MHz, VIN = VCC or GND, VCC = 5.25V,
Note 2, 4
-
179
mA
Capacitance TA = 25oC, Note 3
PARAMETER
SYMBOL
MIN
MAX
UNITS
TEST CONDITIONS
Input Capacitance
CIN
-
10
pF
Frequency = 1MHz, VCC = Open
All measurements are referenced to device ground.
Output Capacitance
CO
-10
pF
NOTES:
2. Power supply current is proportional to operating frequency. Typical rating for ICCOP is 7mA/MHz.
3. Not tested, but characterized at initial design and at major process/design changes.
4. Output load per test load circuit and CL = 40pF.
AC Electrical Specifications
VCC = 5.0V ±5%, TA = 0
oC to 70oC, T
A = -40
oC to 85oC, Note 5
PARAMETER
SYMBOL
NOTES
33MHz
25.6MHz
UNITS
MIN
MAX
MIN
MAX
CLK Period
tCP
30-39-
ns
CLK High
tCH
12-15-
ns
CLK Low
tCL
12-15-
ns
HSP45256



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com