Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UPC2807A Datasheet(PDF) 5 Page - NEC

Part # UPC2807A
Description  PREAMPLIFIER FOR INFRARED REMOTE CONTROLLER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC2807A Datasheet(HTML) 5 Page - NEC

  UPC2807A Datasheet HTML 1Page - NEC UPC2807A Datasheet HTML 2Page - NEC UPC2807A Datasheet HTML 3Page - NEC UPC2807A Datasheet HTML 4Page - NEC UPC2807A Datasheet HTML 5Page - NEC UPC2807A Datasheet HTML 6Page - NEC UPC2807A Datasheet HTML 7Page - NEC UPC2807A Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Data Sheet S13198EJ1V0DS00
5
µµµµ PC2807, 2807A
Electrical Characteristics (TA
= ++++25 ±±±± 3 °°°°C, VCC ==== 5 V)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Circuit current
ICC
With no signal applied.
S1. S2, and S3: Leave unconnected.
1.1
1.5
1.9
mA
Low-level output voltage 1
VOL1
Without external pull-up resistor
0.05
0.4
V
Low-level output voltage 2
VOL2
With external 10-k
Ω pull-up resistor connected
0.10
0.5
V
High-level output voltage
VOH
4.8
5.0
V
Voltage gain 1
µ PC2807
Av1
S1, S2, and S3: Leave unconnected.,
VIN
= 30 dB
µ V
Note1
, f 37.9 kHz
70
80
86
dB
Voltage gain 2
µ PC2807A
Av2
S1, S2, and S3: Leave unconnected.,
VIN
= 30 dB
µ V
Note1
, f
= 40.0 kHz
72
82
88
dB
BPF bandwidth
fBW
−3 dB bandwidth. S1, S2, S3: Leave
unconnected., VIN
= 30 dB
µ V
Note1
1.5
3.0
4.5
kHz
Output pulse width 1
tBW1
S1, S2, and S3: Leave unconnected.,
VIN
= 500
µ Vp-p, f = 37.9 kHz
Note3
,
Burst length: 600
µ s, Cycle: 1.2 ms
Note2
Average value of output from start of signal
input to 60th pulse
400
600
800
µ s
Output pulse width 2
tPW2
S1, S2, and S3: Leave unconnected.,
VIN
= 50 mVp-p, f = 37.9 kHz
Note3
,
Burst length: 600
µ s, Cycle: 1.2 ms
Note2
Average value of output from start of signal
input to 60th pulse
400
600
800
µ s
Notes 1.
30 dB
µ V = 31.6 µ V r.m.s.
2.
Input the following burst signal.
3.
f
= 37.9 kHz for the
µ PC2807. In the µ PC2807A, measurement is at f = 40.0 kHz.
37.9-kHz carrier
600
µ s
600
µ s
600
µ s



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com