Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

A-2004-3-4-LP-N-R Datasheet(PDF) 1 Page - Assmann Electronics Inc.

Part # A-2004-3-4-LP-N-R
Description  MODULAR JACK, LOW PROFILE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASSMANN [Assmann Electronics Inc.]
Direct Link  http://www.assmann.us
Logo ASSMANN - Assmann Electronics Inc.

A-2004-3-4-LP-N-R Datasheet(HTML) 1 Page - Assmann Electronics Inc.

  A-2004-3-4-LP-N-R Datasheet HTML 1Page - Assmann Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1
2
3
4
5
6
7
1
2
3
4
5
6
7
A
B
C
D
E
F
G
H
A
B
C
D
E
F
G
H
Item No.
Drawing No.
Title
Name
Chappell
Drawn
12.20.11
Approved
Modification
Date
Name
Scale
TOLERANCE
1:1
X.X
X.XX
X.XXX
Angle
±0.40
±0.25
±0.15
±3°
Replace
Sheet
A-2004-3-4-LP-N-R
Modular Jack, Low Profile, 4P4C, 90°,
Side Entry, 6—”, Black, PBT Glass Filled
Complaint
RoHS
rev00


Similar Part No. - A-2004-3-4-LP-N-R

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
A-2004-3-4-LP-R ASSMANN-A-2004-3-4-LP-R Datasheet
64Kb / 1P
VERY LOW PROFILE SIDE ENTRY PCB JACK
More results

Similar Description - A-2004-3-4-LP-N-R

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0428788698 MOLEX5-0428788698 Datasheet
234Kb / 4P
Modular Jack, Vertical, Low Profile, 8/6
0428786362 MOLEX5-0428786362 Datasheet
214Kb / 4P
Modular Jack, Vertical, Low Profile, 6/4
logo
Assmann Electronics Inc...
A-2004-0-4-LP-N-R ASSMANN-A-2004-0-4-LP-N-R Datasheet
270Kb / 1P
MODULAR JACK, LOW PROFILE
A-2004-1-4-LP-N-R ASSMANN-A-2004-1-4-LP-N-R Datasheet
271Kb / 1P
MODULAR JACK, LOW PROFILE, 6P6C
logo
Molex Electronics Ltd.
0428781003 MOLEX1-0428781003_18 Datasheet
33Kb / 2P
Modular Jack, Vertical, Low Profile, 8/10
0428788506 MOLEX1-0428788506_18 Datasheet
33Kb / 2P
Modular Jack, Vertical, Low Profile, 8/8
0428786218 MOLEX1-0428786218_18 Datasheet
33Kb / 2P
Modular Jack, Vertical, Low Profile, 6/6
logo
Kycon, Inc.
GMJXHT KYCON-GMJXHT Datasheet
950Kb / 1P
Low Profile Mid Mount Modular Jack
GMX KYCON-GMX Datasheet
1Mb / 1P
Right Angle Modular Jack, Low Profile
GMXHT KYCON-GMXHT Datasheet
1,016Kb / 1P
High Temperature Low Profile Modular Jack
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com