Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

BAV16P Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # BAV16P
Description  Surface Mount Fast Switching Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

BAV16P Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  BAV16P_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH BAV16P_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Elektronische Bauelemente
BAV16P
Surface Mount Fast Switching Diode
ELECTRICAL CHARACTERISTICS (Ta=25
)
TYPE NUMBER
SYMBOL
Min.
Max.
UNITS
Test Condition
Reverse Breakdown Voltage
VRM
75
-
V
IR = 1.0µA
0.715
IF = 1.0mA
0.855
IF = 10mA
1.0
IF = 50mA
Forward Voltage (Note 2)
VFM
-
1.25
V
IF = 150mA
1.0
µA
VR = 75V
50
µA
VR = 75V, TJ = 150
30
µA
VR = 25V, TJ = 150
Peak Reverse Current (Note 2)
IRM
-
25
nA
VR = 20V
Total Capacitance
CT
-
2.0
pF
VR = 0, f = 1.0MHz
IF = IR = 10mA,
Reverse Recovery Time
trr
-
4.0
ns
Irr = 0.1x IR, RL = 100
NOTES:
1. Part mounted on FR-4 PC board with recommended pad layout,
2. Short duration test pulse used to minimize self-heating effect.
RATING AND CHARACTERISTIC CURVES
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
0
100
0
25
50
75
125
100
150
T , AMB IENT T EMP ER AT UR E (°C )
A
F ig. 1 P ower Derating C urve
300
200
10
1.0
100
1000
0.1
0.01
01
2
V , INS TANTANE OUS F OR WAR D V OLTAG E (V )
F
F ig. 2 F orward C haracteris tics
1
10
100
1000
10,000
0
100
200
T, J UNC T ION T E MP E R AT UR E (°C )
j
F ig. 3 Leakage C urrent vs J unction Temperature
V = 20V
R
01-Jun-2002 Rev. A
Page 2 of 2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com