Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MAT03 Datasheet(PDF) 3 Page - Analog Devices

Part # MAT03
Description  Low Noise, Matched Dual PNP Transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAT03 Datasheet(HTML) 3 Page - Analog Devices

  MAT03_15 Datasheet HTML 1Page - Analog Devices MAT03_15 Datasheet HTML 2Page - Analog Devices MAT03_15 Datasheet HTML 3Page - Analog Devices MAT03_15 Datasheet HTML 4Page - Analog Devices MAT03_15 Datasheet HTML 5Page - Analog Devices MAT03_15 Datasheet HTML 6Page - Analog Devices MAT03_15 Datasheet HTML 7Page - Analog Devices MAT03_15 Datasheet HTML 8Page - Analog Devices MAT03_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
MAT03
–3–
REV. C
ABSOLUTE MAXIMUM RATINGS
1
Collector-Base Voltage (BVCBO) . . . . . . . . . . . . . . . . . . . 36 V
Collector-Emitter Voltage (BVCEO) . . . . . . . . . . . . . . . . . 36 V
Collector-Collector Voltage (BVCC) . . . . . . . . . . . . . . . . . 36 V
Emitter-Emitter Voltage (BVEE) . . . . . . . . . . . . . . . . . . . 36 V
Collector Current (IC) . . . . . . . . . . . . . . . . . . . . . . . . . . 20 mA
Emitter Current (IE) . . . . . . . . . . . . . . . . . . . . . . . . . . . 20 mA
Total Power Dissipation
Ambient Temperature
≤ 70°C2 . . . . . . . . . . . . . . . 500 mW
Operating Temperature Range
MAT03E/F . . . . . . . . . . . . . . . . . . . . . . . . –40
°C to +85°C
Operating Junction Temperature . . . . . . . . . –55
°C to +150°C
Storage Temperature . . . . . . . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature (Soldering, 60 sec) . . . . . . . . . . . . . 300
°C
Junction Temperature . . . . . . . . . . . . . . . . . –65
°C to +150°C
NOTES
1Absolute maximum ratings apply to both DICE and packaged devices.
2Rating applies to TO-78 not using a heat sink and LCC; devices in free air only. For
TO-78, derate linearly at 6.3 mW/
°C above 70°C ambient temperature; for LCC,
derate at 7.8 mW/
°C.
ORDERING GUIDE
VOS max
Temperature
Package
Model
(TA = +25 C) Range
Option
MAT03EH
100
µV
–40
°C to +85°C
TO-78
MAT03FH
200
µV
–40
°C to +85°C
TO-78
WARNING!
ESD SENSITIVE DEVICE
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the MAT03 features propriety ESD protection circuitry, permanent damage may occur
on devices subjected to high-energy electrostatic discharges. Therefore, proper ESD precautions
are recommended to avoid performance degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com