Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

OP484 Datasheet(PDF) 17 Page - Analog Devices

Part # OP484
Description  Precision Rail-to-Rail Input and Output Operational Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP484 Datasheet(HTML) 17 Page - Analog Devices

Back Button OP484_15 Datasheet HTML 13Page - Analog Devices OP484_15 Datasheet HTML 14Page - Analog Devices OP484_15 Datasheet HTML 15Page - Analog Devices OP484_15 Datasheet HTML 16Page - Analog Devices OP484_15 Datasheet HTML 17Page - Analog Devices OP484_15 Datasheet HTML 18Page - Analog Devices OP484_15 Datasheet HTML 19Page - Analog Devices OP484_15 Datasheet HTML 20Page - Analog Devices OP484_15 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
OP184/OP284/OP484
Rev. J | Page 17 of 24
Resistor networks should be used in this circuit for R2 and R3
because they exhibit the necessary relative tolerance matching for
good performance. Matched networks also exhibit tight relative
resistor temperature coefficients for good circuit temperature
stability. Trimming Potentiometer P1 is used for optimum dc
CMR adjustment, and C1 is used to optimize ac CMR. With the
circuit values as shown, Circuit CMR is better than 80 dB over the
frequency range of 20 Hz to 20 kHz. Circuit referred-to-input
(RTI) noise in the 0.1 Hz to 10 Hz band is an impressively low
0.45 μV p-p. Resistor RP1 and Resistor RP2 serve to protect the
OP284 inputs against input overvoltage abuse. Capacitor C2 can
be included to the limit circuit bandwidth and, therefore, wide
bandwidth noise in sensitive applications. The value of this
capacitor should be adjusted, depending on the required closed-
loop bandwidth of the circuit. The R4 to C2 time constant creates
a pole at a frequency equal to
( )
2
4
2
1
3
C
R
dB
f
π
=
2.5 V REFERENCE FROM A 3 V SUPPLY
In many single-supply applications, the need for a 2.5 V reference
often arises. Many commercially available monolithic 2.5 V
references require at least a minimum operating supply of 4 V.
The problem is exacerbated when the minimum operating
supply voltage is 3 V. The circuit illustrated in Figure 53 is an
example of a 2.5 V reference that operates from a single 3 V
supply. The circuit takes advantage of the OP284 rail-to-rail
input/output voltage ranges to amplify an AD589 1.235 V
output to 2.5 V.
VOUT
5
6
7
3V
A1, A2 = 1/2 OP284
GAIN = 1 +
R4
R3
SET R2 = R3
R1 + P1 = R4
8
4
C2
RP1
1k
Ω
RP2
1k
Ω
R1
9.53k
Ω
R2
1.1k
Ω
R3
1.1k
Ω
R4
10k
Ω
P1
500
Ω
3
2
1
VIN
A1
+
–
A2
C1
AC CMRR
TRIM
5pF TO 40pF
Figure 52. Single Supply, 3 V Low Noise Instrumentation Amplifier
The low TCVOS of the OP284 at 1.5 μV/°C helps maintain an
output voltage temperature coefficient that is dominated by
the temperature coefficients of R2 and R3. In this circuit with
100 ppm/°C TCR resistors, the output voltage exhibits a tempera-
ture coefficient of 200 ppm/°C. Lower tempco resistors are
recommended for more accurate performance over temperature.
One measure of the performance of a voltage reference is its
capacity to recover from sudden changes in load current. While
sourcing a steady-state load current of 1 mA, this circuit recovers
to 0.01% of the programmed output voltage in 1.5 μs for a total
change in load current of ±1 mA.
2.5VREF
3
2
1
3V
8
4
R3
100k
Ω
R2
100k
Ω
P1
5k
Ω
R1
17.4k
Ω
3V
0.1µF
AD589
1/2
OP284
+
–
RESISTORS = 1%, 100ppm/°C
POTENTIOMETER = 10 TURN, 100ppm/°C
Figure 53. 2.5 V Reference That Operates on a Single 3 V Supply
5 V ONLY, 12-BIT DAC SWINGS RAIL-TO-RAIL
The OP284 is ideal for use with a CMOS DAC to generate a
digitally controlled voltage with a wide output range. Figure 54
shows a DAC8043 used in conjunction with the AD589 to gen-
erate a voltage output from 0 V to 1.23 V. The DAC is actually
operating in voltage switching mode, where the reference is
connected to the current output, IOUT, and the output voltage is
taken from the VREF pin. This topology is inherently noninverting,
as opposed to the classic current output mode, which is inverting
and not usable in single-supply applications.
3
2
1
5V
5V
8
4
R3
232
Ω
1%
R2
32.4
Ω
1%
R1
17.8k
Ω
R4
100k
Ω
1%
AD589
GND CLK SR1
LD
VREF
RRB
VDD
IOUT
1.23V
4
8
2
1
3
DAC8043
DIGITAL
CONTROL
7
6
5
1/2
OP284
VOUT =
D
4096
(5V)
Figure 54. 5 V Only, 12-Bit DAC Swings Rail-to-Rail
In this application, the OP284 serves two functions. First, it
buffers the high output impedance of the DAC VREF pin, which
is on the order of 10 kΩ. The op amp provides a low impedance
output to drive any following circuitry.
Second, the op amp amplifies the output signal to provide a rail-
to-rail output swing. In this particular case, the gain is set to 4.1
so that the circuit generates a 5 V output when the DAC output
is at full scale. If other output voltage ranges are needed, such as
0 V ≤ VOUT ≤ 4.095 V, the gain can be easily changed by adjusting
the values of R2 and R3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com