Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

XSD202 Datasheet(PDF) 2 Page - Calogic, LLC

Part # XSD202
Description  High-Speed Analog N-Channel Enhancement-Mode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC

XSD202 Datasheet(HTML) 2 Page - Calogic, LLC

  XSD202 Datasheet HTML 1Page - Calogic, LLC XSD202 Datasheet HTML 2Page - Calogic, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SD200 / SD201 / SD202 / SD203 / SSTSD201 / SSTSD203
LLC
ABSOLUTE MAXIMUM RATING (TA = +25
oC unless otherwise noted)
PARAMETER
SD200
SD201
SD202
SD203
UNIT
Breakdown
Voltages
VDS
+25
+25
+20
+20
V
VDB
+25
+25
+20
+20
V
VGS
±40
-0.3
±40
-0.3
V
+20
+20
V
VGB
±40
-0.3
±40
-0.3
V
+20
+20
V
VGD
±40
-0.3
±40
-0.3
V
+20
+20
V
ID
Continuous Drain Current . . . . . . . . . . . . . . . . . . 50 mA
PT
Power Dissipation (at or below TC = +25
oC) . . . . 1.8 W
Linear Derating Factor . . . . . . . . . . . . . . . . . 18 mW/
oC
PD
Power Dissipation (at or below TA = +25C) . . . 360 mW
Linear Derating Factor . . . . . . . . . . . . . . . . . 3.6 mW/
oC
Tj
Operating Junction
Temperature Range . . . . . . . . . . . . . . -55
oC to + 125oC
Ts
Storage Temperature Range . . . . . . . . -65
oC to +175oC
SYMBOL
PARAMETER
200, 201
202, 203
UNIT
TEST CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
STATIC
BVDS
Drain-Source Breakdown Voltage
25
30
20
25
V
ID = 1.0
µA, VGS = VBS = 0
BVDB
Drain-Body Breakdown Voltage
25
20
V
ID = 1.0
µA, VGB = 0
Source OPEN
ID(OFF)
Drain-Source
OFF Current
1.0
µA
VDS = 25 V
VGS = VBS = 0
1.0
VDS = 20 V
IGBS
Gate-Body
Leakage
Current
SD200
±0.1
nA
VGV =
±40 V
VDB = VSB = 0
SD202
±0.1
SD201
1.0
µAVGB = 20 V
SD203
1.0
VGS(th)
Gate Threshold Voltage
0.1
1.0
2.0
0.1
1.0
2.0
V
VDS = VGS, ID = 1
µA, VSB = 0
rDS(ON)
Drain-Source ON Resistance
40
70
35
50
ohms
VGS = 5 V, ID = 1 mA, VSB = 0
DYNAMIC
gfs
Common-Source Forward
Transcondconductance
13
14
17
20
mS
ID = 20 mA, VDS = 15 V
f = 1 KHz, VSB = 0
ciss
Common-Source Input Capacitance
2.4
3.0
3.0
3.6
pF
ID = 20 mA
VDS = 15 V
f = 1 MHz
VSB = 0
coss
Common-Source Output Capacitance
1.0
1.2
1.0
1.2
VGS = 0
crss
Common-Source
Reverse Transfer Capacitance
0.2
0.3
0.2
0.3
Gps
Common-Source Power Gain
8.0
10
8.0
10
dB
VDS = 15 V
f = 1 GHz
ID = 20 mA
VSB = 0
NF
Noise Figure
4.5
6.0
4.0
5.0
Pi
Intercept Point
29
29
dBm
∆f = 2 MHz
ELECTRICAL CHARACTERISTICS (TA = +25
oC unless otherwise noted)
CALOGIC LLC, 237 WHITNEY PLACE, FREMONT, CA 94539, 510-656-2900 PHONE, 510-651-1076 FAX
DS054 REV A



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com