Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

QG201B Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # QG201B
Description  2.0 Amp Surface Mount Silicon Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

QG201B Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  QG201B_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH QG201B_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
QG201B~QG207B
50 ~ 1000 V
2.0 Amp Surface Mount Silicon Rectifiers
14-Aug-2013 Rev. B
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen-free and RoHS Compliant
FEATURES
Ideal for surface mount applications
Easy pick and place
Built-in strain relief
High surge current capability
PACKAGING INFORMATION
Polarity: Color band denotes cathode end
Case: Molded plastic
Terminals: Solder plated, solderable per MIL-STD-202F,
method 208 guaranteed
Epoxy: UL94-V0 rate flame retardant
Weight: 0.102 grams (approximately)
PACKAGE INFORMATION
Package
MPQ
Leader Size
SMB
3K
13 inch
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Rating 25°C ambient temperature unless otherwise specified. Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, de-rate current by 20%.)
Part Number
Parameters
Symbol
QG
201B
QG
202B
QG
203B
QG
204B
QG
205B
QG
206B
QG
207B
Unit
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Instantaneous Forward Voltage @
IF = 2.0 A
VF
1.25
V
Maximum Forward Average Forward
Rectified Current
IO
2.0
A
Peak Forward Surge Current, 8.3ms single half
sine-wave superimposed on rated load
(JEDEC method)
IFSM
50
A
TJ=25°C
5.0
Maximum Reverse Current
TJ=100°C
IR
100
A
Typical Thermal Resistance
RJA
53
°C/W
Typical Thermal Resistance
RJL
16
°C/W
Typical Diode Junction Capacitance
1
CJ
35
pF
Storage and Operating Temperature Range
TSTG, TJ
55~150
°C
NOTES:
1. Measured at 1MHz and applied reverse voltage of 4.0V D.C.
SMB
A
B
E
G
D
F
C
H
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
1.91
2.20
E
-
0.203
B
4.06
4.75
F
5.08
5.59
C
3.30
3.94
G
0.76
1.52
D
1.95
2.65
H
0.15
0.31


Similar Part No. - QG201B_15

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
QG201B SECOS-QG201B Datasheet
137Kb / 2P
VOLTAGE 50V ~ 1000V 2.0Amp Surface Mount Silicon Rectifiers
More results

Similar Description - QG201B_15

ManufacturerPart #DatasheetDescription
logo
UNIOHM CORPORATION
S2A UNIOHM-S2A Datasheet
63Kb / 2P
2.0 AMP SURFACE MOUNT SILICON RECTIFIERS
S2AA UNIOHM-S2AA Datasheet
65Kb / 2P
2.0 AMP SURFACE MOUNT SILICON RECTIFIERS
logo
SeCoS Halbleitertechnol...
DB201S SECOS-DB201S_10 Datasheet
151Kb / 2P
2.0 Amp Surface Mount Bridge Rectifiers
logo
Goodwork Semiconductor ...
S2A GWSEMI-S2A Datasheet
64Kb / 2P
2.0 AMP SURFACE MOUNT SILICON RECTIFIERS
S2AA GWSEMI-S2AA Datasheet
64Kb / 2P
2.0 AMP SURFACE MOUNT SILICON RECTIFIERS
logo
SeCoS Halbleitertechnol...
DB201S SECOS-DB201S_15 Datasheet
104Kb / 2P
2.0 Amp Surface Mount Bridge Rectifiers
QG201A SECOS-QG201A_15 Datasheet
193Kb / 2P
2.0 Amp Surface Mount Silicon Rectifiers
logo
Nanjing International G...
S2A DGNJDZ-S2A Datasheet
132Kb / 2P
2.0 AMP SURFACE MOUNT SILICON RECTIFIERS
logo
DIYI Electronic Technol...
S2A DYELEC-S2A Datasheet
1Mb / 2P
2.0 AMP SURFACE MOUNT PASSIVATED RECTIFIERS
logo
Central Semiconductor C...
CBRDFSH2-40 CENTRAL-CBRDFSH2-40 Datasheet
806Kb / 6P
SURFACE MOUNT 2.0 AMP SILICON SCHOTTKY BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com