Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UPD16340 Datasheet(PDF) 5 Page - NEC

Part # UPD16340
Description  96-BIT AC-PDP DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD16340 Datasheet(HTML) 5 Page - NEC

  UPD16340 Datasheet HTML 1Page - NEC UPD16340 Datasheet HTML 2Page - NEC UPD16340 Datasheet HTML 3Page - NEC UPD16340 Datasheet HTML 4Page - NEC UPD16340 Datasheet HTML 5Page - NEC UPD16340 Datasheet HTML 6Page - NEC UPD16340 Datasheet HTML 7Page - NEC UPD16340 Datasheet HTML 8Page - NEC UPD16340 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Data Sheet S13685EJ1V0DS00
5
µµµµ PD16340
TRUTH TABLE
Shift Register Block
Input
Output
R,/L
CLK
A
B
Shift Register
H
Output
Note1
Right shift operation performed
HH or L
Input
Output
Hold
L
Output
Note2
Left shift operation performed
L
H or L
Output
Input
Hold
Notes 1. On the rising edge of the clock, the data of S91-S93 (S85-S90) is shifted to S94-S96 (S91-S96), and is output
from B1-B3 (B1-B6) (The parenthesized pins are used in 6-bit input mode.).
2. On the rising edge of the clock, the data of S4-S6 (S7-S12) is shifted to S1-S3 (S1-S6), and is output from
A1-A3 (A1-A6) (The parenthesized pins are used in 6-bit input mode.).
Latch Block
/LE
Output State of Latch Section (/Ln)
Latch Sn data
H or L
Hold latch (output) data
Driver Block
A (B)
/HBLK
/LBLK
HZ
Output State of Driver Block
x
L
H
L
All driver output : H
x
x
L
L
All driver output : L
x
x
x
H
All driver output : High Impedance
LH
H
L
L
HH
H
L
H
Remark
x : H or L, H : High level, L : Low level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com