Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SCS0240DF Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SCS0240DF
Description  Silicon Epitaxial Planar Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SCS0240DF Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SCS0240DF_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SCS0240DF_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SCS0240DF
0.2 A, 40 V
Silicon Epitaxial Planar Schottky Barrier Rectifiers
Elektronische Bauelemente
08-Dec-2010 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.

Anode

Cathode
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
●
Low turn-on voltage
●
Fast switching
●
PN junction guard for transient and ESD protection
●
Designed for surface mount application
●
Plastic material-UL recognition flammability
classification 94V-O
APPLICATION
●
Surface mount fast switching diode
PACKAGE INFORMATION
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (Single diode at TA = 25°C)
Parameter
Symbol
Limits
Unit
Peak repetitive peak reverse voltage
VRRM
40
V
Working peak reverse voltage
VRWM
40
V
DC reverse voltage
VR
40
V
Forward continuous current
IF
200
mA
Peak forward surge current @ < 1.0 s
IFSM
600
mA
Power Dissipation
Pd
200
mW
Thermal resistance junction to ambient
RθJA
625
℃
/ W
Junction, Storage Temperature Range
TJ, TSTG
-55 ~ +125
℃
ELECTRICAL CHARACTERISTICS (at TA = 25°C unless otherwise specified)
Parameters
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Reverse Breakdown Voltage
V(BR)R
40
-
-
V
IR= 10A
Forward Voltage
VF
-
-
0.38
V
IF = 1.0mA
-
-
0.5
IF = 10mA
-
-
1.0
IF = 40mA
Reverse Current
IR
-
20
200
nA
VR = 30V
Capacitance between terminals
CT
-
4
5
pF
VR = 0V, f=1.0MHz
Reverse Recovery Time
TRR
-
-
5
ns
IF =IR= 10mA,
RL=100Ω
Product
Marking Code
SCS0240DF
43
DFN1006-2
C
A
B
E
D
H
F
F
G
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
0.55
0.675
E
0.20
0.30
B
0.95
1.075
F
0.05REF
C
0.47
0.53
G
0.45
0.55
D
0
0.05
H
0.65TYP


Similar Part No. - SCS0240DF_15

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SCS0240DF SECOS-SCS0240DF Datasheet
244Kb / 2P
Silicon Epitaxial Planar Schottky Barrier Rectifiers
More results

Similar Description - SCS0240DF_15

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SCS521DS SECOS-SCS521DS Datasheet
256Kb / 2P
Silicon Epitaxial Planar Schottky Barrier Rectifiers
SCS0240DF SECOS-SCS0240DF Datasheet
244Kb / 2P
Silicon Epitaxial Planar Schottky Barrier Rectifiers
SCS40STN SECOS-SCS40STN Datasheet
325Kb / 2P
Silicon Epitaxial Planar Schottky Barrier Rectifiers
SCS70DSTN SECOS-SCS70DSTN Datasheet
98Kb / 1P
Silicon Epitaxial Planar Schottky Barrier Rectifiers
SCS40STN SECOS-SCS40STN_15 Datasheet
325Kb / 2P
Silicon Epitaxial Planar Schottky Barrier Rectifiers
SCS40STN-C SECOS-SCS40STN-C Datasheet
313Kb / 2P
Silicon Epitaxial Planar Schottky Barrier Rectifiers
SCS70DSTN-C SECOS-SCS70DSTN-C Datasheet
175Kb / 2P
Silicon Epitaxial Planar Schottky Barrier Rectifiers
SCS521U SECOS-SCS521U Datasheet
340Kb / 2P
Silicon Epitaxial Planar Schottky Barrier Rectifiers
SCS751U-C SECOS-SCS751U-C Datasheet
257Kb / 2P
Silicon Epitaxial Planar Schottky Barrier Rectifiers
SCS521DS SECOS-SCS521DS_16 Datasheet
250Kb / 2P
Silicon Epitaxial Planar Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com