Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SCS0540LP Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SCS0540LP
Description  0.5 Amp Low VF Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SCS0540LP Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SCS0540LP_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SCS0540LP_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERISTIC CURVES (SCS0540LP )
http://www.SeCoSGmbH.com
Elektronische Bauelemente
Average Forward Rectified Current - Amperesversus
Ambient Temperature - °C
0
.1
.2
.3
°C
150
.4
0.5
1.2
Amps
FIG .5-PEAK FORWAED SURGE CURRENT
Peak Forward Surge Current - Amperesversus
Number Of Cycles At 60Hz - Cycles
1
100
4
0
5
10
15
8
2
10
20
60
80
40
20
25
4
6
20
10
.01
.02
.04
.06
.1
.2
.4
.6
1
2
Instantaneous Forward Voltage - Volts
Voltage
FIG.1 TYPICAL FORWARD CHARACTERISTICS
0 0.2
0.3
0.4
0.5
0.6
0.7
Amps
Single Phase, Half Wave
60Hz Resistive or Inductive Load
0
50
75
100
125
175
FIG.3-FORWARD DERATING CURVE
SCS0540LP
VOLTAGE 40V
0.5Amp Low VF Schottky Barrier Rectifiers
°C
T =
Voltage J
10
30
40
50
200
100
20
pF
.1
2
4
1
10 20 40
100 200 400 1000
25
FIG.2-JUNCTION CAPACITANCE
0
1u
10u
100u
1m
10m
100m
1A
50
20
30
40
REVERSE VOLTAGE, (V)
FIG. 4 - REVERSE CHARACTERISTICS
Ta=100
o C
75o C
50
oC
25 o C
25 oC
50 C
o
75oC
Ta=100 o C
01-Jun-2002 Rev.
B
Page
2 of 2
Any changing of specification will not be informed individual



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com