Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SD03 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SD03
Description  300W Transient Voltage Suppressors Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SD03 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SD03 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SD03 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SD03 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Elektronische Bauelemente
SD03
VOLTAGE: 3.3V
300W Transient Voltage Suppressors Diode
SOD-323 ( SC-76 )
FEATURES
. 300 Watts peak pulse power ( t = 8 / 20 µs )
. Small package for use in portable electronics
. Suitable replacement for MLV’s in ESD protection
applications
. Protects one I/O or power line
. Low clamping voltage
. Low leakage current
. Solid-state silicon-avalanche technology
APPLICATIONS
. Cell Phone Handsets and Accessories
. Microprocessor based equipment
. Personal Digital Assistants ( PDA’s )
. Notebooks, Desktops, and Servers
. Portable Instrumentation
. Pagers Peripherals
MECHANICAL DATA
. CASE: SOD-323 ( SC-76 ), Molded Plastic
. TERMINALS: UL 94V-0
. POLARITY: See Diagrams Below
. WEIGHT: 0.0045 gram
. MOUNTING POSITION: Any
MAXIMUM RATINGS
Rating 25
ambient temperature unless otherwise specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
SYMBOL
VALUE
UNITS
Peak Pulse Power ( tP = 8 / 20 µs )
PPK
300
W
ESD Voltage ( HBM Waveform per IEC 61000-4-2 )
VESD
30
kV
Lead Soldering Temperature
TL
260 ( 10 sec. )
Operating Temperature Range
TJ
-55 ~ +125
Storage Temperature Range
TSTG
-55 ~ +150
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
.010 (0.25)
min.
.012 (0.3)
.059 (1.5)
Cathode Band
Top View
.043 (1.1)
Dimensions in inches
and (millimeters)
Page 1 of 3
24-Aug-2007 Rev. B
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free


Similar Part No. - SD03

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SD03 SECOS-SD03 Datasheet
332Kb / 3P
300W Transient Voltage Suppressors Diode
logo
Diotech Company.
SD03 DIOTECH-SD03 Datasheet
917Kb / 3P
STANDARD CAPACITANCE TVS ARRAY / ESD ARRAY
logo
Shanghai Leiditech Elec...
SD03 LEIDITECH-SD03 Datasheet
140Kb / 3P
Set-top box and digital TV
logo
Shanghai Semitech Semic...
SD03 SEMITECH-SD03 Datasheet
164Kb / 4P
Low Leakage
logo
SHIKUES Electronics
SD03 SKTECHNOLGY-SD03 Datasheet
740Kb / 3P
Unidirectional TVS Diodes
More results

Similar Description - SD03

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
P4KE JGD-P4KE Datasheet
353Kb / 4P
TRANSIENT VOLTAGE SUPPRESSORS DIODE
P6KE JGD-P6KE Datasheet
363Kb / 4P
TRANSIENT VOLTAGE SUPPRESSORS DIODE
logo
SeCoS Halbleitertechnol...
ESD05 SECOS-ESD05 Datasheet
248Kb / 2P
120W Transient Voltage Suppressors Diode
SD03 SECOS-SD03 Datasheet
332Kb / 3P
300W Transient Voltage Suppressors Diode
SD05 SECOS-SD05 Datasheet
152Kb / 3P
300W Transient Voltage Suppressors Diode
SD24 SECOS-SD24 Datasheet
316Kb / 2P
300W Transient Voltage Suppressors Diode
ESD12R SECOS-ESD12R Datasheet
230Kb / 2P
240W Transient voltage suppressors Diode
SD05 SECOS-SD05_15 Datasheet
152Kb / 3P
300W Transient Voltage Suppressors Diode
logo
Shanghai Leiditech Elec...
1.5SMC6.8A LEIDITECH-1.5SMC6.8A Datasheet
1Mb / 4P
Transient Voltage Suppressors Diode
1.5SMC300A LEIDITECH-1.5SMC300A Datasheet
694Kb / 4P
Transient Voltage Suppressors Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com