Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SM320HT Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SM320HT
Description  3.0 Amp Surface Mount Schottky Barrier Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SM320HT Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SM320HT Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SM320HT Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SM320HT Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Elektronische Bauelemente
SM320HT~SM3100HT
Voltage 20V ~ 100V
3.0 Amp Surface Mount Schottky Barrier Rectifiers
01-Jul-2014 Rev. B
Page 1 of 3
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen-free and RoHS Compliant
FEATURES
Batch process design, excellent power dissipation offers
better reverse leakage current and thermal resistance.
Low profile surface mounted application in order to
optimize board space.
Low power loss, high efficiency.
High current capability, low forward voltage drop.
High surge capability
Guarding for overvoltage protection
Ultra high-speed switching
Silicon epitaxial planar chip, metal silicon junction
Lead-free parts meet environmental standards of
MIL-STD-19500 /228
MECHANICAL DATA
Epoxy:UL94-V0 rated flame retardant
Case : Molded plastic, SOD-123HT
Terminals : Solder plated, solderable per
MIL-STD-750, Method 2026
Polarity : Indicated by cathode band
Mounting Position : Any
Weight : Approximated 0.011 gram
MARKING
Product
Marking Code
Product
Marking Code
SM320HT
32
SM380HT
38
SM340HT
34
SM3100HT
310
SM360HT
36
PACKAGE INFORMATION
Package
MPQ
Leader Size
SOD-123HT
3K
7 inch
SOD-123HT
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
3.3
3.7
H
0.6 TYP.
B
1.4
1.8
I
0.6
0.8
C
0.3 TYP.
J
0.75
0.85
D
0.6
1.0
K
1.0
1.2
E
0.1 TYP.
L
1.1
1.3
F
0.8 TYP.
M
1.9
2.1
G
1.0
1.2


Similar Part No. - SM320HT

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SM320HT SECOS-SM320HT Datasheet
252Kb / 3P
Voltage 20V ~100V 3.0 Amp Surface Mount Schottky Barrier Rectifers
More results

Similar Description - SM320HT

ManufacturerPart #DatasheetDescription
logo
Bytes
SM5820B BYTES-SM5820B Datasheet
151Kb / 2P
3.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Nanjing International G...
SK32 DGNJDZ-SK32 Datasheet
94Kb / 2P
3.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SS36-60V-DO-214AB DGNJDZ-SS36-60V-DO-214AB Datasheet
254Kb / 2P
3.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SS36A-60V-SMAF DGNJDZ-SS36A-60V-SMAF Datasheet
311Kb / 2P
3.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SS310-100V-DO-214AB DGNJDZ-SS310-100V-DO-214AB Datasheet
254Kb / 2P
3.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SS310A-100V-SMAF DGNJDZ-SS310A-100V-SMAF Datasheet
311Kb / 2P
3.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SS310F-100V-SMAF DGNJDZ-SS310F-100V-SMAF Datasheet
319Kb / 2P
3.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SS320-200V-DO-214AB DGNJDZ-SS320-200V-DO-214AB Datasheet
254Kb / 2P
3.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Shenzhen Yixinwei Techn...
K32 YIXIN-K32 Datasheet
183Kb / 2P
3.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Bytesonic Electronics C...
SK32 BYTESONIC-SK32 Datasheet
190Kb / 2P
3.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
Version 1.3 2019/5/15
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com