Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

2941-1 Datasheet(PDF) 3 Page - KR Electronics, Inc.

Part # 2941-1
Description  60 MHz Center Frequency
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KR [KR Electronics, Inc.]
Direct Link  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2941-1 Datasheet(HTML) 3 Page - KR Electronics, Inc.

  2941-1 Datasheet HTML 1Page - KR Electronics, Inc. 2941-1 Datasheet HTML 2Page - KR Electronics, Inc. 2941-1 Datasheet HTML 3Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Page 3
© 2009, KR Electronics, Inc.
2941-1, 60 MHz Bandpass, Rev 0, November 2, 2009
Parameter
Specification
Filter type
Bandpass
Center Frequency
60 MHz
Insertion Loss
2.5 dB max
3 dB Bandwidth
40 MHz min
Rejection at 35 MHz & 85 MHz
40 dB min
Rejection at 30 MHz & 90 MHz
60 dB min
Source and Load
50

Group Delay Variation 44 MHz to 76 MHz
30 nsec max
KR Electronics 2941-1
KR Electronics, Inc.
Physical Dimensions
Specifications
www.krfilters.com
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Notes:
1. Rectangular Metal Case



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com