Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN3077 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN3077
Description  Safety application guide
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3077 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN3077 Datasheet HTML 5Page - STMicroelectronics AN3077 Datasheet HTML 6Page - STMicroelectronics AN3077 Datasheet HTML 7Page - STMicroelectronics AN3077 Datasheet HTML 8Page - STMicroelectronics AN3077 Datasheet HTML 9Page - STMicroelectronics AN3077 Datasheet HTML 10Page - STMicroelectronics AN3077 Datasheet HTML 11Page - STMicroelectronics AN3077 Datasheet HTML 12Page - STMicroelectronics AN3077 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 82 page
background image
DocID16384 Rev 10
9/82
AN3077
General information
81
2
General information
2.1
Mission profile
The assumed mission profile is:
●
Lifetime: 20 years
●
Total operating hours: 12000 hours
●
Trip time: 10 hours (Trip time is defined as the maximum time of operation of the MCU
without power-on reset)
●
Fault Tolerant Time Interval (FTTI, also named Process Safety Time (PST)): 10 ms
(maximum time between the first faulty output and a failure indication or reset)
Temperature profiles for packaged devices (Table 1) and bare die (Table 2) are shown
below.
Note:
The temperature profile is an assumption of the Device_Number safety analysis and shall
be fulfilled during integration into an ASIL D compliant system.
2.2
Safe state
By definition, the Safe states of the Device_Number are as follows:
●
Completely unpowered
●
Reset
–
All pins except possibly the error output pins (FCCU_F[0:1]) are tristated.
●
Operating correctly
–
Outputs depend on application.
●
Explicitly indicating an internal error
–
Error output pins FCCU_F[0:1] are in a state indicating an error, and the state of
other I/O pins will not be reliable.
Table 1. Temperature profile for packaged device
Temperature range (°C)
Operation time (h)
125–135
120
110–120
960
90–100
7680
30–40
3240
Table 2. Temperature profile for bare die device
Temperature range (°C)
Operation time (h)
120–125
120
100–110
960
80–90
7680
20–30
3240



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com