Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN4071 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN4071
Description  Introduction to comparators, their parameters and basic
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4071 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN4071 Datasheet HTML 5Page - STMicroelectronics AN4071 Datasheet HTML 6Page - STMicroelectronics AN4071 Datasheet HTML 7Page - STMicroelectronics AN4071 Datasheet HTML 8Page - STMicroelectronics AN4071 Datasheet HTML 9Page - STMicroelectronics AN4071 Datasheet HTML 10Page - STMicroelectronics AN4071 Datasheet HTML 11Page - STMicroelectronics AN4071 Datasheet HTML 12Page - STMicroelectronics AN4071 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
AN4071
Datasheet parameters
Doc ID 022939 Rev 1
9/27
In other words, input offset voltage can be represented by a voltage source applied in series
with one input of an ideal comparator. Consequently, the output doesn't toggle when
VIN+ = VIN-, as in the case of an ideal comparator, but the threshold level is shifted by the
input offset value VIO. Input offset voltage rises in the input stage as a consequence of
transistor imbalance. For comparators with built-in hysteresis, VIO is defined as the average
value of VTRIP+ and VTRIP-, and the hysteresis of VHYST = VTRIP+ - VTRIP- where VTRIP+
(respectively VTRIP-) is the input differential voltage for which the output switches from low to
high state (respectively high to low state).
Measurement
Input offset voltage and trip points can be measured using the circuit shown in Figure 10.
The first DC source sets the power supply VCC and the second sets VICM, the common
mode voltage. A 100 m VPP triangle signal is applied on the voltage divider (1/101). The
voltage divider is necessary to obtain a good accuracy on the VIO reading by the scope, and
to use the function generator with an amplitude that it can handle. The triangle signal should
be low frequency (20 Hz); higher frequency can lead to error in the VIO measurement
caused by propagation delay of the device. When the output changes its state, the actual
input voltage value VIN is read from the scope, from VIN we can simply deduce VIO = VIN /
101.
Pay attention to the fact that the oscilloscope probes and waveform generator ground are on
the inverting input pin of the comparator. Therefore, VICM and VCC power supplies must be
floating from earth-ground, or an isolation transformer must be used. The advantage is that
the VICM voltage does not need to be subtracted from the VIO reading. VICM can be easily
changed without having to adjust the offset of the input signal, making the measurement
more comfortable.
Figure 10.
VIO (VTRIP) measurement circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com