Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN4276 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN4276
Description  ECC management on SPC560x
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4276 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN4276 Datasheet HTML 5Page - STMicroelectronics AN4276 Datasheet HTML 6Page - STMicroelectronics AN4276 Datasheet HTML 7Page - STMicroelectronics AN4276 Datasheet HTML 8Page - STMicroelectronics AN4276 Datasheet HTML 9Page - STMicroelectronics AN4276 Datasheet HTML 10Page - STMicroelectronics AN4276 Datasheet HTML 11Page - STMicroelectronics AN4276 Datasheet HTML 12Page - STMicroelectronics AN4276 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
DocID024408 Rev 2
9/21
AN4276
ECC error hardware exceptions
3
ECC error hardware exceptions
There are two types of ECC fault notifications that are generated by hardware of SPC650x
microcontroller.
•
ECSM module interrupts
•
Exceptions events of the core
3.1
ECSM module interrupts
ECSM module interrupt can be generated in the case of both kinds of ECC faults, 1-bit and
2-bit, and they are further distinguished for RAM and Flash memory. This interrupt belongs
among external peripheral interrupts that are linked to IVOR4 vector. Figure 2 shows block
scheme of ECSM interrupt routing in the microcontroller.
All interrupts that can be generated by ECSM module are configurable and can be masked
by the user in ECR register.
Figure 2. ECSM interrupt generation
3.2
Core exceptions
In all cases, non-correctable ECC errors that occur during instruction fetch or data read
cause generation of core exceptions because of bus transaction errors between Z0 core
and given memory target. Core exception events cannot be masked and should be handled
properly to solve the issue.
Several exceptions can be generated based on type of memory access, instruction fetch or
data fetch, and configuration of machine state register MSR, see Table 5.
Single bit interrupts does not generate core exceptions, they can be caught by enabled
ECSM interrupts. Not all non-correctable ECC errors are signaled by core exceptions like
ECC error during discarded not taken branch fetch, but they are signaled by ECSM module.
ECC config reg
ECC status reg
&
ECC catch
registers
INTC
module
IVOR4 vector
External interrupt
to Z0 core
Z0 core
ECSM module
1-bit ECC fault
Non-correctable
ECC fault
1-bit ECC fault
Non-correctable
ECC fault
RAM
memory
CFlash
/ Dflash
memory
Interrupt
Handler



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com